Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2678S-3.3 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2678S-3.3
Description  LM2678 SIMPLE SWITCHER짰 High Efficiency 5-A Step-Down Voltage Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2678S-3.3 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2678S-3.3 Datasheet HTML 5Page - Texas Instruments LM2678S-3.3 Datasheet HTML 6Page - Texas Instruments LM2678S-3.3 Datasheet HTML 7Page - Texas Instruments LM2678S-3.3 Datasheet HTML 8Page - Texas Instruments LM2678S-3.3 Datasheet HTML 9Page - Texas Instruments LM2678S-3.3 Datasheet HTML 10Page - Texas Instruments LM2678S-3.3 Datasheet HTML 11Page - Texas Instruments LM2678S-3.3 Datasheet HTML 12Page - Texas Instruments LM2678S-3.3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
LM2678
www.ti.com
SNVS029J – MARCH 2000 – REVISED JULY 2016
Product Folder Links: LM2678
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Discontinuous Mode Switching Waveforms, VIN = 20 V,
VOUT = 5 V, ILOAD = 500 mA, L = 10 μH, COUT = 400 μF,
COUTESR = 13 mΩ
A. VSW pin voltage = 10 V/div
B. Inductor current = 1 A/div
C. Output ripple voltage = 20 mV/div AC-coupled
Figure 13. Horizontal Time Base: 1 μs/div
Load Transient Response for Continuous Mode, VIN = 20 V,
VOUT = 5 V, L = 10 μH, COUT = 400 μF,
COUTESR = 13 mΩ
A. Output voltage = 100 mV/div, AC-coupled
B. Load current = 500-mA to 5-A load pulse
Figure 14. Horizontal Time Base: 100 μs/div
Load Transient Response for Discontinuous Mode, VIN = 20 V, VOUT = 5 V, vs L = 10 μH, COUT = 400 μF, COUTESR = 13 mΩ
A. Output voltage = 100 mV/div, AC-coupled
B. Load current = 200-mA to 3-A load pulse
Figure 15. Horizontal Time Base: 200 μs/div


Similar Part No. - LM2678S-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2678S-3.3 NSC-LM2678S-3.3 Datasheet
356Kb / 23P
   SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2678S-3.3 TI-LM2678S-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-3.3 TI-LM2678S-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678S-3.3 TI-LM2678S-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
More results

Similar Description - LM2678S-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2678 TI-LM2678_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM2678 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2678S-ADJ TI-LM2678S-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SD-5.0 TI-LM2678SD-5.0 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
LM2678SX-3.3 TI-LM2678SX-3.3 Datasheet
1Mb / 35P
[Old version datasheet]   LM2678 SIMPLE SWITCHER High Efficiency 5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2678 NSC-LM2678_05 Datasheet
836Kb / 27P
   SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2677SD-ADJ TI1-LM2677SD-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM2677 SIMPLE SWITCHER짰 High Efficiency 5A Step-Down Voltage Regulator
LM2676SX-ADJ TI-LM2676SX-ADJ Datasheet
1Mb / 35P
[Old version datasheet]   LM2676 SIMPLE SWITCHER짰 High Efficiency 3A Step-Down Voltage Regulator
LM2670 TI1-LM2670 Datasheet
2Mb / 38P
[Old version datasheet]   LM2670 SIMPLE SWITCHER짰 High Efficiency 3-A Step-Down Voltage Regulator With Sync
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com