Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2700Q Datasheet(PDF) 10 Page - Texas Instruments

Part # LM2700Q
Description  600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2700Q Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2700Q_15 Datasheet HTML 6Page - Texas Instruments LM2700Q_15 Datasheet HTML 7Page - Texas Instruments LM2700Q_15 Datasheet HTML 8Page - Texas Instruments LM2700Q_15 Datasheet HTML 9Page - Texas Instruments LM2700Q_15 Datasheet HTML 10Page - Texas Instruments LM2700Q_15 Datasheet HTML 11Page - Texas Instruments LM2700Q_15 Datasheet HTML 12Page - Texas Instruments LM2700Q_15 Datasheet HTML 13Page - Texas Instruments LM2700Q_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Hz
1
2S(RC + RO)CC
fPC =
Hz
1
fZC =
2SRCCC
LM2700Q
SNVS794A – MARCH 2012 – REVISED MARCH 2013
www.ti.com
INTRODUCTION TO COMPENSATION
Figure 17. (a) Inductor current. (b) Diode current.
The LM2700Q is a current mode PWM boost converter. The signal flow of this control scheme has two feedback
loops, one that senses switch current and one that senses output voltage.
To keep a current programmed control converter stable above duty cycles of 50%, the inductor must meet
certain criteria. The inductor, along with input and output voltage, will determine the slope of the current through
the inductor (see Figure 17 (a)). If the slope of the inductor current is too great, the circuit will be unstable above
duty cycles of 50%. A 4.7µH inductor is recommended for most 600 kHz applications, while a 2.2µH inductor
may be used for most 1.25 MHz applications. If the duty cycle is approaching the maximum of 85%, it may be
necessary to increase the inductance by as much as 2X. See Inductor and Diode Selection for more detailed
inductor sizing.
The LM2700Q provides a compensation pin (VC) to customize the voltage loop feedback. It is recommended that
a series combination of RC and CC be used for the compensation network, as shown in Figure 18. For any given
application, there exists a unique combination of RC and CC that will optimize the performance of the LM2700Q
circuit in terms of its transient response. The series combination of RC and CC introduces a pole-zero pair
according to the following equations:
(3)
where
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LM2700Q


Similar Part No. - LM2700Q_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700QMT-ADJ TI1-LM2700QMT-ADJ Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700QMTX-ADJ TI1-LM2700QMTX-ADJ Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results

Similar Description - LM2700Q_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224 Datasheet
920Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM3224 TI1-LM3224 Datasheet
1Mb / 26P
[Old version datasheet]   615kHz/1.25MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM3224 NSC-LM3224_05 Datasheet
917Kb / 18P
   615kHz/1.25MHz Step-up PWM DC/DC Converter
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com