Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2672MX-ADJ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2672MX-ADJ
Description  LM2672 SIMPLE SWITCHER짰 Power Converter High Efficiency 1-A Step-Down Voltage Regulator with Features
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2672MX-ADJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2672MX-ADJ Datasheet HTML 5Page - Texas Instruments LM2672MX-ADJ Datasheet HTML 6Page - Texas Instruments LM2672MX-ADJ Datasheet HTML 7Page - Texas Instruments LM2672MX-ADJ Datasheet HTML 8Page - Texas Instruments LM2672MX-ADJ Datasheet HTML 9Page - Texas Instruments LM2672MX-ADJ Datasheet HTML 10Page - Texas Instruments LM2672MX-ADJ Datasheet HTML 11Page - Texas Instruments LM2672MX-ADJ Datasheet HTML 12Page - Texas Instruments LM2672MX-ADJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9
LM2672
www.ti.com
SNVS136L – SEPTEMBER 1998 – REVISED JUNE 2016
Product Folder Links: LM2672
Submit Documentation Feedback
Copyright © 1998–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. Dropout Voltage, 3.3-V Option
Figure 14. Dropout Voltage, 5-V Option
7.11 Typical Characteristics – Fixed Output Voltage Versions
see Figure 19
VSW pin voltage, 10 V/div
VIN = 20 V, VOUT = 5 V,
Inductor current, 0.5 A/div
ILOAD = 1 A, L = 47 μH,
Output ripple voltage,
20 mV/div AC-coupled
COUT = 68 μF,
COUTESR = 50 mΩ
Figure 15. Continuous Mode Switching Waveforms,
Horizontal Time Base: 1 μs/div
VSW pin voltage, 10 V/div
VIN = 20 V, VOUT = 5 V,
Inductor current, 0.5 A/div
ILOAD = 300 mA, L = 15 μH,
Output ripple voltage,
20 mV/div AC-coupled
COUT = 68 μF (2×),
COUTESR = 25 mΩ
Figure 16. Discontinuous Mode Switching Waveforms,
Horizontal Time Base: 1 μs/div
Output voltage,
VIN = 20 V, VOUT = 5 V,
100 mV/div, AC-coupled
ILOAD = 1 A, L = 47 μH,
Load current: 200 mA to
1 A load pulse
COUT = 68 μF,
COUTESR = 50 mΩ
Figure 17. Load Transient Response for Continuous Mode,
Horizontal Time Base: 50 μs/div
Output voltage,
VIN = 20 V, VOUT = 5 V,
100 mV/div, AC-coupled
L = 47 μH,
Load current: 100 mA to
300 mA load pulse
COUT = 68 μF,
COUTESR = 50 mΩ
Figure 18. Load Transient Response for Discontinuous
Mode, Horizontal Time Base: 200 μs/div


Similar Part No. - LM2672MX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672MX-ADJ NSC-LM2672MX-ADJ Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672MX-ADJ NSC-LM2672MX-ADJ Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2672MX-ADJ TI1-LM2672MX-ADJ Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2672MX-ADJ TI-LM2672MX-ADJ Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
logo
National Semiconductor ...
LM2672MX-ADJ NSC-LM2672MX-ADJ Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
More results

Similar Description - LM2672MX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2672 NSC-LM2672_01 Datasheet
475Kb / 25P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
LM2671 NSC-LM2671_07 Datasheet
610Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
LM2672 NSC-LM2672_07 Datasheet
616Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Instruments Co...
LM2671M-33 NI-LM2671M-33 Datasheet
641Kb / 24P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 500mA Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM2671 TI1-LM2671 Datasheet
2Mb / 36P
[Old version datasheet]   LM2671 SIMPLE SWITCHER짰 Power Converter High Efficiency 500-mA Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675 TI1-LM2675_14 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com