Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSC1009Y Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSC1009Y
Description  High Voltage Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSC1009Y Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSC1009Y Datasheet HTML 1Page - Fairchild Semiconductor KSC1009Y Datasheet HTML 2Page - Fairchild Semiconductor KSC1009Y Datasheet HTML 3Page - Fairchild Semiconductor KSC1009Y Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Ratings
Units
VCBO
Collector-Base Voltage
160
V
VCEO
Collector-Emitter Voltage
140
V
VEBO
Emitter-Base Voltage
8
V
IC
Collector Current
700
mA
PC
Collector Power Dissipation
800
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC=100µA, IE=0
160
V
BVCEO
Collector-Emitter Breakdown Voltage
IC=10mA, IB=0
140
V
BVEBO
Emitter-Base Breakdown Voltage
IE=10µA, IC=0
8
V
ICBO
Collector Cut-off Current
VCB=60V, IE=0
0.1
µA
IEBO
Emitter Cut-off Current
VEB=5V, IC=0
0.1
µA
hFE
DC Current Gain
VCE=2V, IC=50mA
40
400
VCE (sat)
Collector-Emitter Saturation Voltage
IC=200mA, IB=20mA
0.2
0.7
V
VBE (sat)
Base-Emitter Saturation Voltage
IC=200mA, IB=20mA
0.86
1.0
V
fT
Current Gain Bandwidth Product
VCE=10V, IC=50mA
30
50
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
8
pF
Classification
R
O
Y
G
hFE
40 ~ 80
70 ~ 140
120 ~ 240
200 ~ 400
KSC1009
High Voltage Amplifier
• High Collector-Base Voltage : VCBO=160V
• Collector Current : IC=700mA
• Collector Power Dissipation : PC=800mW
• Complement to KSA709
• Suffix “-C” means Center Collector (1. Emitter 2. Collector 3. Base)
1. Emitter 2. Base 3. Collector
TO-92
1


Similar Part No. - KSC1009Y

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KSC1009 SAMSUNG-KSC1009 Datasheet
70Kb / 2P
   NPN (HIGH VOLTAGE AMPLIFIER)
More results

Similar Description - KSC1009Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA709 ETC-2SA709 Datasheet
93Kb / 2P
   HIGH VOLTAGE AMPLIFIER
logo
Fairchild Semiconductor
KSA709CGBU FAIRCHILD-KSA709CGBU Datasheet
43Kb / 4P
   High Voltage Amplifier
logo
STMicroelectronics
2N5415S STMICROELECTRONICS-2N5415S Datasheet
52Kb / 4P
   HIGH-VOLTAGE AMPLIFIER
October 1988
logo
Fairchild Semiconductor
KSA709YTA FAIRCHILD-KSA709YTA Datasheet
43Kb / 4P
   High Voltage Amplifier
logo
STMicroelectronics
BC394 STMICROELECTRONICS-BC394 Datasheet
75Kb / 5P
   HIGH VOLTAGE AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK690 MSK-MSK690 Datasheet
127Kb / 4P
   HIGH VOLTAGE AMPLIFIER
logo
List of Unclassifed Man...
QA452 ETC1-QA452 Datasheet
26Kb / 2P
   High Voltage Amplifier
logo
Fairchild Semiconductor
KSA709 FAIRCHILD-KSA709 Datasheet
37Kb / 4P
   High Voltage Amplifier
logo
STMicroelectronics
BFW43 STMICROELECTRONICS-BFW43 Datasheet
59Kb / 5P
   HIGH VOLTAGE AMPLIFIER
BC393 STMICROELECTRONICS-BC393 Datasheet
66Kb / 5P
   HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com