Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHP1831A-07 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # AHP1831A-07
Description  180W Medical Adapters for Health Care Applications with PFC CISPR-11EN55011classBemissionLimitsandaredesignedto
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AHP1831A-07 Datasheet(HTML) 3 Page - Astrodyne Corporation

  AHP1831A-07 Datasheet HTML 1Page - Astrodyne Corporation AHP1831A-07 Datasheet HTML 2Page - Astrodyne Corporation AHP1831A-07 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
180W Medical Adapters for Health Care Applications with PFC
AHP183 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS
Dimensions are in mm (inches)
Output Cord Length is 48” and uses AWG#18x3C + AWG#16x3C Cables
Modify the Output Cord will effect Regulation and Efficiency
1
2
3
4
5
5 Pin DIN
1. COM
2. COM
3. Vout
4. COM
5. Vout
Shell = GND
DERATE CURVES
medical
HPU180A series
SPECIFICATIONNOTE:
1.Outputcanprovideuptopeakloadwhenthepowersupplystartsup.
Continuousstayinginmorethanratedloadisnotallowed.
2.Atfactory,in60%ratedloadcondition,eachoutputischeckedtobe
withinvoltageaccuracy.
3.Lineregulationisdefinedbychanging±10%ofinputvoltagefrom
nominallineatratedload.
4.Loadregulationisdefinedbychanging±40%ofmeasuredoutputload
from60%ratedload.
5.Ripple&noiseismeasuredbyusing20MHzbandwidthlimited
oscilloscopeandterminatedeachoutputwitha0.47uFcapacitorat
ratedloadandnominalline.
6.Holduptimeismeasuredfromtheendofthelastchargingpulsetothe
timewhichthemainoutputdropsdowntolowlimitofmainoutputat
ratedloadandnominalline.
7.Efficiencyismeasuredatratedload,andnominalline.
8.ThespecificsfortestingtheenergyefficiencyofthisSeriesareoutlined
inaseparatedocumenttitled"TestMethodforCalculatingtheEnergy
EfficiencyofSingle-VoltageInterchangeableAC-DCandAC-ACPower
Supplies(August11,2004),"whichisavailableontheENERGYSTAR
Website.
MECHANICAL DIMENSIONS: (UNIT:mm)
OUTPUT CABLE RECOMMEND :
PACKING:
1. Selected output connectors and wire, please refer to Appendix.
2. This series is required to use AWG#16/5C/4FT output cable.
3. The regulation and efficiency will be changed by modified output cable.
1. Net weight: 894~952g approx.
2. Optional output connectors available contact sales for details.
Rating Chart:
INPUT VOLTAGE (VAC)
80
50
60
70
80
90
100
110
100
120
140
160
180
200
220
240
260
280
(FIG.1) INPUT VOLTAGE DERATING CURVE
Voltage Range
(VDC)
(A)
(W)
(W)
(ms)
(mVp-p)
Min.~Max. Load
NO ~Min. Load
(%)
(%)
Output Current
OLP
OLP
OLP
20
20
20
20
20
20
0.5
0.5
0.5
89
92
92
92
93
93
±5
±3
±3
120
100
190
100
180
180
180
180
180
240
100
168
14.0
9.47
7.50
12.0
19.0
24.0
HPU180A-105
HPU180A-107
HPU180A-108
OLP
0.5
±3
300
100
6.00
30.0
HPU180A-109
OLP
0.5
±3
330
100
5.455
33.0
HPU180A-110
OLP
0.5
±3
480
100
3.75
48.0
HPU180A-111
180W External Medical Grade Power Supply
TEMPERATURE (°C)
-10
0
10
0
10
20
30
40
50
60
70
80
90
100
110
20
30
40
50
60
70
80
(FIG.2) TEMPERATURE DERATING CURVE
MODEL NO.
DC OUTPUT CONNECTIONS
Coaxial Plug
+Vout
-Vout
5.5mm outer diameter
2.1mm inner diameter, female
11mm length, center “+”
medical
HPU101 series
SPECIFICATIONNOTE:
1.Outputcanprovideuptopeakloadwhenthepowersupplystartsup.
Continuousstayinginmorethanratedloadisnotallowed.
2.Atfactory,in60%ratedloadcondition,eachoutputischeckedtobe
withinvoltageaccuracy.
3.Lineregulationisdefinedbychanging±10%ofinputvoltagefrom
nominallineatratedload.
4.Loadregulationisdefinedbychanging±40%ofmeasuredoutputload
from60%ratedload.
5.Ripple&noiseismeasuredbyusing20MHzbandwidthlimited
oscilloscopeandterminatedeachoutputwitha0.47uFcapacitorat
ratedloadandnominalline.
6.Holduptimeismeasuredfromtheendofthelastchargingpulsetothe
timewhichthemainoutputdropsdowntolowlimitofmainoutputat
ratedloadandnominalline.
7.Efficiencyismeasuredatratedload,andnominalline.
8.ThespecificsfortestingtheenergyefficiencyofthisSeriesareoutlined
inaseparatedocumenttitled"TestMethodforCalculatingtheEnergy
EfficiencyofSingle-VoltageInterchangeableAC-DCandAC-ACPower
Supplies(August11,2004),"whichisavailableontheENERGYSTAR
Website.
MECHANICAL DIMENSIONS: (UNIT:mm)
OUTPUT CABLE RECOMMEND :
PACKING:
1. Selected output connectors and wire, please refer to Appendix.
2. This series is required to use AWG#18x3C+ AWG#16x3C/4FT output cable.
3. The regulation and efficiency will be changed by modified output cable.
1. Net weight: 490~670g approx.
2. Optional output connectors available contact sales for details.
Rating Chart:
INPUT VOLTAGE (VAC)
80
50
60
70
80
90
100
110
100
120
140
160
180
200
220
240
260
280
(FIG.1) INPUT VOLTAGE DERATING CURVE
MODEL NO.
Voltage Range
min
(VDC)
(VDC)
(A)
(A)
(W)
(W)
(ms)
(mVp-p)
(%)
(%)
min
max
max
Output Current
(Based on the output volt.)
OLP
OLP
OLP
OLP
16
16
16
16
0.5
0.5
0.5
0.5
81
84
87
87
87
87
87
±5
±4
±4
±4
100
100
100
100
100
100
100
100
9.09
7.69
7.69
6.25
6.25
4.76
4.76
3.70
13.0
11.0
13.0
16.0
16.0
21.0
21.0
27.0
HPU101-105
HPU101-106
HPU101-107
HPU101-108
OLP
16
0.5
±3
100
100
3.70
3.03
27.0
33.0
HPU101-109
OLP
16
0.5
±3
100
100
3.03
2.50
33.0
40.0
HPU101-110
OLP
16
0.5
±3
100
100
2.50
2.08
40.0
48.0
HPU101-111
100W External Medical Grade Power Supply
TEMPERATURE (°C)
-10
0
10
0
10
20
30
40
50
60
70
80
90
100
110
20
30
40
50
60
70
80
(FIG.2) TEMPERATURE DERATING CURVE
0416
8 Pin DIN
1. COM
2. COM
3. Vout
4. COM
5. Vout
6. COM
7. Vout
8. Vout
Shell = GND


Similar Part No. - AHP1831A-07

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-01 ASTRODYNE-AHP1001-01 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-02 ASTRODYNE-AHP1001-02 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-03 ASTRODYNE-AHP1001-03 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-04 ASTRODYNE-AHP1001-04 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com