Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AHP1501-06 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # AHP1501-06
Description  15W Medical Power Adapters with Interchangeable Input Plugs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AHP1501-06 Datasheet(HTML) 2 Page - Astrodyne Corporation

  AHP1501-06 Datasheet HTML 1Page - Astrodyne Corporation AHP1501-06 Datasheet HTML 2Page - Astrodyne Corporation AHP1501-06 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15W Medical Power Adapters with Interchangeable Input Plugs
AHP1501 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUTSPECIFICATIONS
Input Voltage Range
80-275 VAC (100-240V Nominal)
See Input Derate curve, Fig. 1
Frequency Range (Sine Wave) 47-63 Hz
Input Current
Low Line (100VAC)
0.6A max.
High Line (240VAC)
0.4A max.
Inrush Current, typ (Cold Start) Low Line (100VAC)
35A max.
High Line (240VAC)
85A max.
Protection Class
Double Insulated, Class II
Input NL Power Consumption
See Selection Chart
OUTPUTSPECIFICATIONS
Voltage and Current
See Selection Chart
Output Power Range
0 to FL Rating
Total Regulation (Note 2)
See Selection Chart
Line Regulation, FL (Note 1)
± 1%, max.
Over Load Protection*
110-150%, auto recover
Short Circuit Protection
Auto Recover
Transient Response
110Vin, FL
4mS
Temperature Coefficient
±0.04%/°C, typ
Ripple/Noise (Note 3)
See Selection Chart
Start Up / Hold Up Time
100Vin, FL
2S max. / 12mS min.
GENERALSPECIFICATIONS
Input-Out Isolation
4000 VAC
Efficiency(FL, Nom. Input))
See Selection Chart
Safety
ANSI/AAMI ES 60601-1:2005
(UL/cUL 3rd Edition)
PHYSICALSPECIFICATIONS
Size
2.36” x 1.71” x 1.58”
(60 x 43.4 x 40.1mm)
Construction
Wallmount Style
Weight
5.82oz (165g)
ENVIRONMENTALSPECIFICATIONS
Oper. Temperature
-10 to +40°C (FL) *
50% Load @ 70°C
See Output Derate Curve, Fig. 2
Storage Temperature
-40 to +85°C *
Operating/Storage Humidity
0% to 95% RH *
Cooling
Free Air Convection
EMC
EN55011 (CISPR11),
EN61000-3-2,-3 Class B
Surge Voltage
2kV, All Conditions
ESD Air
8kV, IEC61000-4-2
ESD Contact
6kV, IEC61000-4-2
MTBF MIL-HDBK-217F, 25°C
100K h
Operating Altitude
3000m
Vibration
5G, 10~500Hz, 10 min./1 cycle,
60 min. each along X, Y, Z axes
Flammability Rating
UL94V-1
NOTES
1. Line Regulation defined as changing the input voltage ±10% from
nominal line at rated load.
2. Total Regulation is defined by as changing the load ±40% from 60%
rated load.
3. Ripple & Noise is measured by using a 20MHz bandwidth limited
oscilloscope and terminating the output with a 0.47uF capacitor at
rated load and nominal line.
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - AHP1501-06

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP1001 ASTRODYNE-AHP1001 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-01 ASTRODYNE-AHP1001-01 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-02 ASTRODYNE-AHP1001-02 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-03 ASTRODYNE-AHP1001-03 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
AHP1001-04 ASTRODYNE-AHP1001-04 Datasheet
495Kb / 4P
   Medical Grade Class II 10 Watt Adapter
More results

Similar Description - AHP1501-06

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AHP2501 ASTRODYNE-AHP2501 Datasheet
1Mb / 3P
   25W Medical Power Adapters with Interchangeable Input Plugs
logo
Total Power Internation...
TPHPU15 TOTAL-POWER-TPHPU15 Datasheet
275Kb / 2P
   15W Interchangeable Power Supplies for MEDICAL
logo
Tumbler Technologies + ...
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
logo
Phihong USA Inc.
PMA36R-120PHW PHIHONG-PMA36R-120PHW Datasheet
151Kb / 3P
   36W Medical Grade Adapter with Interchangeable Plugs
PMA10R-050AW PHIHONG-PMA10R-050AW Datasheet
125Kb / 3P
   10W Medical Grade Adapter with Interchangeable Plugs
logo
Astrodyne Corporation
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TWM15 TRUMPOWER-TWM15 Datasheet
161Kb / 2P
   Medical Grade 15W Wall Mount Power Adapters
logo
Astrodyne Corporation
AMP1601 ASTRODYNE-AMP1601 Datasheet
601Kb / 5P
   15W 3rd Edition Medical Grade Desktop Switching Power Adapters
logo
FSP TECHNOLOGY INC.
FSP015-RBMM FSP-FSP015-RBMM Datasheet
84Kb / 1P
   Interchangeable AC plugs
FSP015-RADM-NP FSP-FSP015-RADM-NP Datasheet
83Kb / 1P
   Interchangeable AC plugs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com