Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM7256AE Datasheet(PDF) 2 Page - Altera Corporation

Part # EPM7256AE
Description  Programmable Logic Device
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM7256AE Datasheet(HTML) 2 Page - Altera Corporation

  EPM7256AE Datasheet HTML 1Page - Altera Corporation EPM7256AE Datasheet HTML 2Page - Altera Corporation EPM7256AE Datasheet HTML 3Page - Altera Corporation EPM7256AE Datasheet HTML 4Page - Altera Corporation EPM7256AE Datasheet HTML 5Page - Altera Corporation EPM7256AE Datasheet HTML 6Page - Altera Corporation EPM7256AE Datasheet HTML 7Page - Altera Corporation EPM7256AE Datasheet HTML 8Page - Altera Corporation EPM7256AE Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
2
Altera Corporation
MAX 7000A Programmable Logic Device Data Sheet
...and More
Features
4.5-ns pin-to-pin logic delays with counter frequencies of up to
227.3 MHz
MultiVoltTM I/O interface enables device core to run at 3.3 V, while
I/O pins are compatible with 5.0-V, 3.3-V, and 2.5-V logic levels
Pin counts ranging from 44 to 256 in a variety of thin quad flat pack
(TQFP), plastic quad flat pack (PQFP), ball-grid array (BGA), space-
saving FineLine BGATM, and plastic J-lead chip carrier (PLCC)
packages
Supports hot-socketing in MAX 7000AE devices
Programmable interconnect array (PIA) continuous routing structure
for fast, predictable performance
PCI-compatible
Bus-friendly architecture, including programmable slew-rate control
Open-drain output option
Programmable macrocell registers with individual clear, preset,
clock, and clock enable controls
Programmable power-up states for macrocell registers in
MAX 7000AE devices
Programmable power-saving mode for 50% or greater power
reduction in each macrocell
Configurable expander product-term distribution, allowing up to
32 product terms per macrocell
Programmable security bit for protection of proprietary designs
6 to 10 pin- or logic-driven output enable signals
Two global clock signals with optional inversion
Enhanced interconnect resources for improved routability
Fast input setup times provided by a dedicated path from I/O pin to
macrocell registers
Programmable output slew-rate control
Programmable ground pins
Table 1. MAX 7000A Device Features
Feature
EPM7032AE
EPM7064AE
EPM7128AE
EPM7256AE
EPM7512AE
Usable gates
600
1,250
2,500
5,000
10,000
Macrocells
32
64
128
256
512
Logic array blocks
2
4
8
16
32
Maximum user I/O
pins
36
68
100
164
212
tPD (ns)
4.5
4.5
5.0
5.5
7.5
tSU (ns)
2.9
2.8
3.3
3.9
5.6
tFSU (ns)
2.5
2.5
2.5
2.5
3.0
tCO1 (ns)
3.0
3.1
3.4
3.5
4.7
fCNT (MHz)
227.3
222.2
192.3
172.4
116.3


Similar Part No. - EPM7256AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7256AE ALTERA-EPM7256AE Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AE ALTERA-EPM7256AE Datasheet
1,007Kb / 64P
   High-performance 3.3-V EEPROM-based programmable logic devices (PLDs) built on second-generation Multiple Array MatriX
More results

Similar Description - EPM7256AE

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
   Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
   Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
   Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
   Programmable Logic Device
EPM7256AEQI208-7N ALTERA-EPM7256AEQI208-7N Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com