Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJW21193 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJW21193
Description  Silicon Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJW21193 Datasheet(HTML) 1 Page - ON Semiconductor

  MJW21193 Datasheet HTML 1Page - ON Semiconductor MJW21193 Datasheet HTML 2Page - ON Semiconductor MJW21193 Datasheet HTML 3Page - ON Semiconductor MJW21193 Datasheet HTML 4Page - ON Semiconductor MJW21193 Datasheet HTML 5Page - ON Semiconductor MJW21193 Datasheet HTML 6Page - ON Semiconductor MJW21193 Datasheet HTML 7Page - ON Semiconductor MJW21193 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
March, 2002 – Rev. 1
1
Publication Order Number:
MJW21193/D
MJW21193 (PNP)
MJW21194 (NPN)
Preferred Devices
Silicon Power Transistors
The MJW21193 and MJW21194 utilize Perforated Emitter
technology and are specifically designed for high power audio output,
disk head positioners and linear applications.
Total Harmonic Distortion Characterized
High DC Current Gain –
hFE = 20 Min @ IC = 8 Adc
Excellent Gain Linearity
High SOA: 2.25 A, 80 V, 1 Second
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
250
Vdc
Collector–Base Voltage
VCBO
400
Vdc
Emitter–Base Voltage
VEBO
5.0
Vdc
Collector–Emitter Voltage – 1.5 V
VCEX
400
Vdc
Collector Current – Continuous
Collector Current – Peak (Note 1)
IC
16
30
Adc
Base Current – Continuous
IB
5.0
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25
°C
PD
200
1.43
Watts
W/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
–65 to
+150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction to Case
R
θJC
0.7
°C/W
Thermal Resistance,
Junction to Ambient
R
θJA
40
°C/W
1. Pulse Test: Pulse Width = 5
ms, Duty Cycle ≤ 10%.
Device
Package
Shipping
ORDERING INFORMATION
MJW21193
TO–247
http://onsemi.com
TO–247
CASE 340K
STYLE 3
30 Units/Rail
2
1
16 AMPERES
COMPLEMENTARY
SILICON POWER
TRANSISTORS
250 VOLTS
200 WATTS
3
MARKING DIAGRAM
MJW
2119x
LLYWW
MJW2119x = Device Code
x
= 3 or 4
LL
= Location Code
Y
= Year
WW
= Work Week
Preferred devices are recommended choices for future use
and best overall value.
MJW21194
TO–247
30 Units/Rail
1 BASE
2 COLLECTOR
3 EMITTER


Similar Part No. - MJW21193

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJW21193 ONSEMI-MJW21193 Datasheet
74Kb / 8P
   16 A COMPLEMENTARY SILICON POWER TRANSISTORS 250 V, 200 W
July, 2005 ??Rev. 2
MJW21193 ONSEMI-MJW21193 Datasheet
151Kb / 7P
   Silicon Power Transistors
March, 2010 ??Rev. 4
MJW21193 ONSEMI-MJW21193 Datasheet
124Kb / 7P
   Silicon Power Transistors
September, 2013 ??Rev. 5
logo
Foshan Blue Rocket Elec...
MJW21193 FOSHAN-MJW21193 Datasheet
958Kb / 6P
   Silicon PNP transistor in a TO-3P Plastic Package.
logo
Inchange Semiconductor ...
MJW21193 ISC-MJW21193 Datasheet
279Kb / 2P
   isc Silicon PNP Power Transistor
More results

Similar Description - MJW21193

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ15022 ONSEMI-MJ15022_13 Datasheet
117Kb / 4P
   Silicon Power Transistors 16 AMPERES SILICON POWER TRANSISTORS
August, 2013 ??Rev. 12
MJD44H11 ONSEMI-MJD44H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Motorola, Inc
MJ15022 MOTOROLA-MJ15022 Datasheet
153Kb / 4P
   Silicon Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3298_2014 JMNIC-2SC3298_2014 Datasheet
165Kb / 3P
   Silicon Power Transistors
BUL52B_2015 JMNIC-BUL52B_2015 Datasheet
88Kb / 3P
   Silicon Power Transistors
2SC5129 JMNIC-2SC5129_15 Datasheet
47Kb / 3P
   Silicon Power Transistors
2SC2331_2014 JMNIC-2SC2331_2014 Datasheet
51Kb / 3P
   Silicon Power Transistors
2SC3855_2014 JMNIC-2SC3855_2014 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SC3979_2014 JMNIC-2SC3979_2014 Datasheet
152Kb / 3P
   Silicon Power Transistors
2SC3855 JMNIC-2SC3855_15 Datasheet
126Kb / 3P
   Silicon Power Transistors
2SD1588 JMNIC-2SD1588 Datasheet
119Kb / 3P
   Silicon Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com