Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXXH75N60B3D1 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXXH75N60B3D1
Description  XPTTM 600V IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH75N60B3D1 Datasheet(HTML) 4 Page - IXYS Corporation

  IXXH75N60B3D1 Datasheet HTML 1Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 2Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 3Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 4Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 5Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 6Page - IXYS Corporation IXXH75N60B3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXXH75N60B3D1
Fig. 11. Maximum Transient Thermal Impedance
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 11. Maximum Transient Thermal Impedance
aasss
0.4
Fig. 7. Transconductance
0
10
20
30
40
50
60
0
25
50
75
100
125
150
IC - Amperes
TJ = - 40ºC, 25ºC, 150ºC
Fig. 10. Reverse-Bias Safe Operating Area
0
20
40
60
80
100
120
140
160
100
200
300
400
500
600
VCE - Volts
TJ = 150ºC
RG = 5
dv / dt < 10V / ns
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
1020
30
4050
6070
80
90
100
110
QG - NanoCoulombs
VCE = 300V
I C = 75A
I G = 10mA
Fig. 9. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres


Similar Part No. - IXXH75N60B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH75N60B3 IXYS-IXXH75N60B3 Datasheet
175Kb / 6P
   Advance Technical Information
More results

Similar Description - IXXH75N60B3D1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
   XPTTM 600V IGBT
IXXN100N60B3H1 IXYS-IXXN100N60B3H1 Datasheet
217Kb / 7P
   XPTTM 600V IGBT
IXXH30N60C3D1 IXYS-IXXH30N60C3D1 Datasheet
241Kb / 7P
   XPTTM 600V IGBT
IXXH50N60B3D1 IXYS-IXXH50N60B3D1 Datasheet
244Kb / 7P
   XPTTM 600V IGBT
IXXR100N60B3H1 IXYS-IXXR100N60B3H1 Datasheet
232Kb / 7P
   XPTTM 600V IGBT
IXXH30N60B3D1 IXYS-IXXH30N60B3D1 Datasheet
199Kb / 7P
   XPTTM 600V IGBT GenX3TM w/ Diode
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com