Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX191BENG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX191BENG
Description  Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX191BENG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX191BENG Datasheet HTML 2Page - Maxim Integrated Products MAX191BENG Datasheet HTML 3Page - Maxim Integrated Products MAX191BENG Datasheet HTML 4Page - Maxim Integrated Products MAX191BENG Datasheet HTML 5Page - Maxim Integrated Products MAX191BENG Datasheet HTML 6Page - Maxim Integrated Products MAX191BENG Datasheet HTML 7Page - Maxim Integrated Products MAX191BENG Datasheet HTML 8Page - Maxim Integrated Products MAX191BENG Datasheet HTML 9Page - Maxim Integrated Products MAX191BENG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Low-Power, 12-Bit Sampling ADC
with Internal Reference and Power-Down
6
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
10
0.01
0.1
10
CLOCK FREQUENCY
vs. TIMING CAPACITOR
0.1
1
TIMING CAPACITOR (nF)
1
SEE FIGURE 5
TA = +25˚C
0
-60
150
5
25
TEMPERATURE (°C)
120
15
10
0
60
20
-30
30
90
VDD = +5V
VSS = -5V
PD = 0V
ISS
IDD
POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE
0
-60
150
5
25
TEMPERATURE (°C)
120
15
10
0
60
20
-30
30
90
NEGATIVE SUPPLY CURRENT
vs. TEMPERATURE
3.5
0.5
-60
-30
30
60
1.0
2.0
TEMPERATURE (°C)
0
1.5
90
120
150
2.5
3.0
0
POSITIVE SUPPLY CURRENT
vs. TEMPERATURE
0
-140
0
2
6
1kHz FFT PLOT
-100
-40
FREQUENCY (kHz)
4
-80
1
3
5
-120
-60
-20
fIN = 1kHz
fS = 100kHz
SNR = 72dB
TA = +25˚C
-94.3dB -96.1dB-98.0dB -93.8dB
0
-140
0
10
30
40
10kHz FFT PLOT
-100
-60
FREQUENCY (kHz)
15
-80
-120
-40
-20
fIN = 10kHz
fS = 100kHz
SNR = 71.2dB
TA = +25˚C
5
20
25
35
-86.0dB
-90.8dB


Similar Part No. - MAX191BENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX191BENG MAXIM-MAX191BENG Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
More results

Similar Description - MAX191BENG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
   12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
logo
Texas Instruments
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com