Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXXK110N65B4H1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXXK110N65B4H1
Description  XPTTM 650V GenX4TM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXK110N65B4H1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXXK110N65B4H1 Datasheet HTML 1Page - IXYS Corporation IXXK110N65B4H1 Datasheet HTML 2Page - IXYS Corporation IXXK110N65B4H1 Datasheet HTML 3Page - IXYS Corporation IXXK110N65B4H1 Datasheet HTML 4Page - IXYS Corporation IXXK110N65B4H1 Datasheet HTML 5Page - IXYS Corporation IXXK110N65B4H1 Datasheet HTML 6Page - IXYS Corporation IXXK110N65B4H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXXK110N65B4H1
IXXX110N65B4H1
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 60A, VCE = 10V, Note 1
24
40
S
C
ies
3650
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
440
pF
C
res
143
pF
Q
g(on)
183
nC
Q
ge
I
C = 110A, VGE = 15V, VCE = 0.5 VCES
32
nC
Q
gc
83
nC
t
d(on)
38
ns
t
ri
46
ns
E
on
2.20
mJ
t
d(off)
156
ns
t
fi
85
ns
E
off
1.05
1.70 mJ
t
d(on)
34
ns
t
ri
46
ns
E
on
3.15
mJ
t
d(off)
160
ns
t
fi
105
ns
E
off
1.40
mJ
R
thJC
0.17 °C/W
R
thCS
0.15
°C/W
Inductive load, T
J = 150°C
I
C = 55A, VGE = 15V
V
CE = 400V, RG = 2Ω
Note 2
Reverse Sonic Diode (FRD)
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
V
F
I
F = 100A, VGE = 0V, Note 1
1.7
2.3
V
T
J = 150°C
1.8
V
I
RM
95
A
t
rr
100
ns
R
thJC
0.38
°C/W
I
F = 100A, VGE = 0V,
T
J = 150°C
-d
i
F/dt = 1500A/μs, VR = 300V
Inductive load, T
J = 25°C
I
C = 55A, VGE = 15V
V
CE = 400V, RG = 2Ω
Note 2
Notes:
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
2. Switching times & energy losses may increase for higher V
CE(Clamp), TJ or RG.
TO-264 Outline
PLUS247TM Outline
PINS:
1 - Gate
2 - Collector
3 - Emitter
PINS:
1 - Gate
2,4 - Collector
3 - Emitter


Similar Part No. - IXXK110N65B4H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXK100N60B3H1 IXYS-IXXK100N60B3H1 Datasheet
240Kb / 7P
   Extreme Light Punch Through IGBT for 10-30kHz Switching
IXXK100N60C3H1 IXYS-IXXK100N60C3H1 Datasheet
248Kb / 7P
   XPTTM 600V GenX3TM w/ Diode
IXXK160N65B4 IXYS-IXXK160N65B4 Datasheet
216Kb / 6P
   Preliminary Technical Information
IXXK160N65C4 IXYS-IXXK160N65C4 Datasheet
216Kb / 6P
   Preliminary Technical Information
More results

Similar Description - IXXK110N65B4H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXN110N65C4H1 IXYS-IXXN110N65C4H1 Datasheet
217Kb / 7P
   XPTTM 650V GenX4TM
IXXR110N65B4H1 IXYS-IXXR110N65B4H1 Datasheet
240Kb / 7P
   XPTTM 650V GenX4TM
IXXN110N65B4H1 IXYS-IXXN110N65B4H1 Datasheet
223Kb / 7P
   XPTTM 650V GenX4TM
IXYP20N65C3D1 IXYS-IXYP20N65C3D1 Datasheet
248Kb / 7P
   XPTTM 650V IGBT
IXXH110N65C4 IXYS-IXXH110N65C4 Datasheet
166Kb / 6P
   XPTTM 650V IGBT
IXXH40N65B4H1 IXYS-IXXH40N65B4H1 Datasheet
181Kb / 8P
   XPTTM 650V IGBT
IXXH80N65B4H1 IXYS-IXXH80N65B4H1 Datasheet
217Kb / 7P
   XPTTM 650V IGBT
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
   XPTTM 650V IGBT
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com