Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXXR110N65B4H1 Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXXR110N65B4H1
Description  XPTTM 650V GenX4TM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXR110N65B4H1 Datasheet(HTML) 6 Page - IXYS Corporation

  IXXR110N65B4H1 Datasheet HTML 1Page - IXYS Corporation IXXR110N65B4H1 Datasheet HTML 2Page - IXYS Corporation IXXR110N65B4H1 Datasheet HTML 3Page - IXYS Corporation IXXR110N65B4H1 Datasheet HTML 4Page - IXYS Corporation IXXR110N65B4H1 Datasheet HTML 5Page - IXYS Corporation IXXR110N65B4H1 Datasheet HTML 6Page - IXYS Corporation IXXR110N65B4H1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXXR110N65B4H1
Fig. 19. Inductive Turn-on Switching Times vs.
Collector Current
20
40
60
80
100
120
140
160
55
60
65
70
75
80
85
90
95
100
105
110
IC - Amperes
25
30
35
40
45
50
55
60
t r i
td(on) - - - -
RG = 2Ω , VGE = 15V
VCE = 400V
TJ = 25ºC
TJ = 150ºC
Fig. 20. Inductive Turn-on Switching Times vs.
Junction Temperature
0
20
40
60
80
100
120
140
160
180
25
50
75
100
125
150
TJ - Degrees Centigrade
25
30
35
40
45
50
55
60
65
70
t r i
td(on) - - - -
RG = 2Ω , VGE = 15V
VCE = 400V
I C = 110A
I C = 55A
Fig. 18. Inductive Turn-on Switching Times vs.
Gate Resistance
20
40
60
80
100
120
140
160
180
200
2
3
4
5
6
7
8
9
10
11
12
13
14
15
RG - Ohms
10
20
30
40
50
60
70
80
90
100
t r i
td(on) - - - -
TJ = 150ºC, VGE = 15V
VCE = 400V
I C = 55A
I C = 110A


Similar Part No. - IXXR110N65B4H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXR100N60B3H1 IXYS-IXXR100N60B3H1 Datasheet
232Kb / 7P
   XPTTM 600V IGBT
More results

Similar Description - IXXR110N65B4H1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXN110N65C4H1 IXYS-IXXN110N65C4H1 Datasheet
217Kb / 7P
   XPTTM 650V GenX4TM
IXXK110N65B4H1 IXYS-IXXK110N65B4H1 Datasheet
267Kb / 7P
   XPTTM 650V GenX4TM
IXXN110N65B4H1 IXYS-IXXN110N65B4H1 Datasheet
223Kb / 7P
   XPTTM 650V GenX4TM
IXYP20N65C3D1 IXYS-IXYP20N65C3D1 Datasheet
248Kb / 7P
   XPTTM 650V IGBT
IXXH110N65C4 IXYS-IXXH110N65C4 Datasheet
166Kb / 6P
   XPTTM 650V IGBT
IXXH40N65B4H1 IXYS-IXXH40N65B4H1 Datasheet
181Kb / 8P
   XPTTM 650V IGBT
IXXH80N65B4H1 IXYS-IXXH80N65B4H1 Datasheet
217Kb / 7P
   XPTTM 650V IGBT
IXYA20N65C3D1 IXYS-IXYA20N65C3D1 Datasheet
248Kb / 7P
   XPTTM 650V IGBT
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH30N60C3 IXYS-IXXH30N60C3 Datasheet
212Kb / 6P
   XPTTM 600V IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com