Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX191BEWG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX191BEWG
Description  Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX191BEWG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX191BEWG Datasheet HTML 4Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 5Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 6Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 7Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 8Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 9Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 10Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 11Page - Maxim Integrated Products MAX191BEWG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
_______________Detailed Description
The MAX191 uses successive approximation and input
track/hold (T/H) circuitry to convert an analog input sig-
nal to a 12-bit digital output. Flexible control logic pro-
vides easy interface to microprocessors (µPs), so most
applications require only the addition of passive com-
ponents. No external hold capacitor is required for the
T/H. Figure 3 shows the MAX191 in its simplest opera-
tional configuration.
Pseudo-Differential Input
The sampling architecture of the ADC’s analog com-
parator is illustrated in the Equivalent Input Circuit
(Figure 4). A capacitor switching between the AIN+
and AIN- inputs acquires the signal at the ADC’s ana-
log input. At the end of the conversion, the capacitor
reconnects to AIN+ and charges to the input signal.
An external input buffer is usually not needed for low-
bandwidth input signals (<100Hz) because the ADC
disconnects from the input during the conversion. In
unbuffered applications, an input filter capacitor
reduces conversion noise, but also may limit input
bandwidth.
When converting a single-ended input signal, AIN-
should be connected to AGND. If a differential signal is
connected, consider that the configuration is pseudo
differential—only the signal side to the input channel is
held by the T/H. The return side (AIN-) must remain sta-
ble within ±0.5LSB (±0.1LSB for best results) with
respect to AGND during a conversion. Accomplish this
by connecting a 0.1µF capacitor from AIN- to AGND.
Analog Input—Track/Hold
The T/H enters its tracking mode when the ADC is des-
elected (CS pin is held high and BUSY pin is high).
Hold mode starts approximately 25ns after a conver-
sion is initiated. The variation in this delay from one
conversion to the next (aperture jitter) is about 50ps.
Figures 6–10 detail the T/H and interface timing for the
Low-Power, 12-Bit Sampling ADC
with Internal Reference and Power-Down
8
_______________________________________________________________________________________
DN
3k
CL
DGND
+5V
3k
DN
CL
DGND
a. High-Z to VOH and VOL to VOH
b. High-Z to VOL and VOH to VOL
Figure 1. Load Circuits for Access Time
DN
3k
10pF
DGND
+5V
3k
DN
10pF
DGND
a. VOH to High-Z
b. VOL to High-Z
Figure 2. Load Circuits for Bus-Relinquish Time
1
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
PD
AIN+
AIN-
VREF
REFADJ
AGND
BIP
BUSY
DO/DB
D1/D9
DGND
VSS
2
VDD
CLK/SCLK
PAR
HBEN
CS
RD
D7/DOUT
D6/SCLKOUT
D5/SSTRB
D4
D3/D11
D2/D10
OPEN
OUTPUT
STATUS
4.7
µF
0.1
µF
0.1
µF
0V TO -5V
+5V
SERIAL/PARALLEL
INTERFACE MODE
µP CONTROL
INPUTS
MAX191
C1
NOTE: C1 120pF GENERATES 1MHz NOMINAL CLOCK.
µP DATA BUS
Figure 3. Operational Diagram


Similar Part No. - MAX191BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX191BEWG MAXIM-MAX191BEWG Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
More results

Similar Description - MAX191BEWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX190 MAXIM-MAX190 Datasheet
1,010Kb / 28P
   Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
Rev 2; 4/93
MAX1420 MAXIM-MAX1420 Datasheet
313Kb / 17P
   12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
19-1981; Rev 0; 5/01
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
   12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
logo
Texas Instruments
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556 TI-TLV2556 Datasheet
585Kb / 35P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
TLV2556IPWR TI-TLV2556IPWR Datasheet
1Mb / 37P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1444 MAXIM-MAX1444 Datasheet
401Kb / 20P
   10-Bit, 40Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 11/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com