Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA846 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA846
Description  Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA846 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA846 Datasheet HTML 3Page - Texas Instruments OPA846 Datasheet HTML 4Page - Texas Instruments OPA846 Datasheet HTML 5Page - Texas Instruments OPA846 Datasheet HTML 6Page - Texas Instruments OPA846 Datasheet HTML 7Page - Texas Instruments OPA846 Datasheet HTML 8Page - Texas Instruments OPA846 Datasheet HTML 9Page - Texas Instruments OPA846 Datasheet HTML 10Page - Texas Instruments OPA846 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
OPA846
7
SBOS250C
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = 25°C, G = +10, RF = 453Ω, RG = 50Ω, and RL = 100Ω, unless otherwise noted.
120
110
100
90
80
70
60
50
40
30
20
COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
102
104
105
103
106
107
108
CMRR
+PSRR
–PSRR
120
100
80
60
40
20
0
–20
0
–30
–60
–90
–120
–150
–180
–210
OPEN-LOOP GAIN AND PHASE
Frequency (Hz)
102
104
105
103
106
107
108
109
20log (A
OL)
∠A
OL
4
3
2
1
0
–1
–2
–3
–4
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
–150
–100
–50
0
50
100
150
R
L = 100Ω
R
L = 25Ω
R
L = 50Ω
10
1
0.1
0.01
0.001
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
102
104
105
103
106
107
108
453
OPA846
Z
O
50
10
8
6
4
2
0
–2
–4
–6
–8
–10
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
NONINVERTING OVERDRIVE RECOVERY
Time (50ns/div)
See Figure 1
G = +10V/V
R
L = 100Ω
Output
Input
0
50
100
150
200
250
300
350
400
450
500
10
8
6
4
2
0
–2
–4
–6
–8
–10
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
INVERTING OVERDRIVE RECOVERY
Time (50ns/div)
See Figure 2
G = –20V/V
R
L = 100Ω
Output
Input
0
50
100
150
200
250
300
350
400
450
500


Similar Part No. - OPA846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
936Kb / 33P
[Old version datasheet]   Dual, Wideband, Low-Noise Operational Amplifier
OPA846 TI1-OPA846 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA846 TI1-OPA846 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA846ID TI1-OPA846ID Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA846

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com