Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VFC2HL81D474K2M1 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # VFC2HL81D474K2M1
Description  Operating Temperature Range
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VFC2HL81D474K2M1 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  VFC2HL81D474K2M1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. VFC2HL81D474K2M1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. VFC2HL81D474K2M1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
VFC2HL81D474K2M1#
“#” indicates a package specification code.
Specifications
Shape
Lead
Length
5.0mm
Length Tolerance
max.
Width
3.0mm
Width Tolerance
max.
Thickness
4.0mm
Thickness Tolerance
max.
Operating Temperature Range
-
55
to
150
Mass(typ.)
0.16g
Insulation Resistance(max.)
1MΩ
Rated Voltage
22Vdc
Varistor Voltage
27.0Vdc
Varistor Voltage Torelance
+5/-3V
Capacitance
470.0nF
Torelance
±10%
Temperature Characteristics
±15% (to
125
) +15%/-
40%(125
to
150
)
Peak Pulse Current
200A
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
updated 2016/08/04


Similar Part No. - VFC2HL81D474K2M1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
VFC2HL81D474K2M1 MURATA1-VFC2HL81D474K2M1 Datasheet
253Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
VFC2HL81D474K2M1A MURATA1-VFC2HL81D474K2M1A Datasheet
253Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
VFC2HL81D474K2M1 MURATA1-VFC2HL81D474K2M1_V01 Datasheet
253Kb / 3P
   VFC2H series is EMI suppression filters of lead type that combines the varistor and capacitor.
08/24/2022
More results

Similar Description - VFC2HL81D474K2M1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0115C1ER30CE01 MURATA-GRM0115C1ER30CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER40BE01 MURATA-GRM0115C1ER40BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER60BE01 MURATA-GRM0115C1ER60BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1ER80BE01 MURATA-GRM0115C1ER80BE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0115C1E9R5CE01 MURATA-GRM0115C1E9R5CE01 Datasheet
48Kb / 1P
   Operating temperature range
GRM0222C1E2R3BDAE MURATA-GRM0222C1E2R3BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6BDAE MURATA-GRM0222C1E2R6BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E2R6WDAE MURATA-GRM0222C1E2R6WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R4BDAE MURATA-GRM0222C1E3R4BDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E3R7WDAE MURATA-GRM0222C1E3R7WDAE Datasheet
50Kb / 1P
   Operating temperature range
GRM0222C1E330GA02 MURATA-GRM0222C1E330GA02 Datasheet
92Kb / 2P
   Operating temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com