Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65CML100DGKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65CML100DGKR
Description  1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65CML100DGKR Datasheet(HTML) 2 Page - Texas Instruments

  SN65CML100DGKR Datasheet HTML 1Page - Texas Instruments SN65CML100DGKR Datasheet HTML 2Page - Texas Instruments SN65CML100DGKR Datasheet HTML 3Page - Texas Instruments SN65CML100DGKR Datasheet HTML 4Page - Texas Instruments SN65CML100DGKR Datasheet HTML 5Page - Texas Instruments SN65CML100DGKR Datasheet HTML 6Page - Texas Instruments SN65CML100DGKR Datasheet HTML 7Page - Texas Instruments SN65CML100DGKR Datasheet HTML 8Page - Texas Instruments SN65CML100DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
PACKAGE DISSIPATION RATINGS
SN65CML100
SLLS547 – NOVEMBER 2002
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PART NUMBER
PART MARKING
PACKAGE
STATUS
SN65CML100D
CML100
SOIC
Production
SN65CML100DGK
NWB
MSOP
Production
over operating free-air temperature range unless otherwise noted(1)
UNIT
VCC
Supply voltage range(2)
–0.5 V to 4 V
IBB
Sink/source
±0.5 mA
Voltage range, (A, B, Y, Z)
0 V to 4.3 V
A, B, Y, Z, and GND
±5 kV
Human Body Model (3)
Electrostatic
All pins
±2 kV
discharge
Charged-Device Model(4)
All pins
±1500 V
Continuous power dissipation
See Dissipation Rating Table
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.7.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
3.3-V nominal supply at terminator
3
3.3
3.6
V
VTT
Terminator supply voltage
2.5-V nominal supply at terminator
2.375
2.5
2.625
1.8-V nominal supply at terminator
1.7
1.9
V
|VID|
Magnitude of differential input voltage
0.1
1
V
Input voltage (any combination of common-mode or input signals)
0
4
V
VBB
Output current
400
µA
TA
Operating free-air temperature
–40
85
°C
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
DGK
425 mW
3.4 mW/
°C
221 mW
D
725 mW
5.8 mW/
°C
377 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
2
Submit Documentation Feedback


Similar Part No. - SN65CML100DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100DGK TI-SN65CML100DGK Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
More results

Similar Description - SN65CML100DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65CML100 TI-SN65CML100 Datasheet
164Kb / 15P
[Old version datasheet]   1.5-Gbps LVDS/LVPECL/CML-TO-CML TRANSLATOR/REPEATER
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
logo
Micrel Semiconductor
SY89325V MICREL-SY89325V Datasheet
514Kb / 7P
   3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT23 ONSEMI-MC100EPT23_16 Datasheet
163Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
August, 2016 ??Rev. 19
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
logo
Cypress Semiconductor
CY2DM1502 CYPRESS-CY2DM1502 Datasheet
285Kb / 12P
   1:2 CML / LVPECL Input to CML Output Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com