Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD252 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65HVD252
Description  DeviceNet CAN Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD252 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD252_13 Datasheet HTML 1Page - Texas Instruments SN65HVD252_13 Datasheet HTML 2Page - Texas Instruments SN65HVD252_13 Datasheet HTML 3Page - Texas Instruments SN65HVD252_13 Datasheet HTML 4Page - Texas Instruments SN65HVD252_13 Datasheet HTML 5Page - Texas Instruments SN65HVD252_13 Datasheet HTML 6Page - Texas Instruments SN65HVD252_13 Datasheet HTML 7Page - Texas Instruments SN65HVD252_13 Datasheet HTML 8Page - Texas Instruments SN65HVD252_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
SN65HVD252
SN65HVD253
SLLSE37 – JUNE 2010
www.ti.com
THERMAL INFORMATION
HVD252/53
THERMAL METRIC
UNITS
8 PINS SOIC
qJA
Junction-to-ambient thermal resistance(1)
124.5
qJC(top)
Junction-to-case(top) thermal resistance (2)
55.9
qJB
Junction-to-board thermal resistance (3)
50.2
°C/W
yJT
Junction-to-top characterization parameter (4)
4.9
yJB
Junction-to-board characterization parameter (5)
46
qJC(bottom)
Junction-to-case(bottom) thermal resistance (6)
n/a
VCC = 5 V, TJ = 27°C, RL = 60Ω,
RS at 0 V, Input to D a 500-kHz
189.1
mW
50% duty cycle square wave
PD
Device power dissipation
VCC = 5.25 V, TJ = 150°C, RL = 50Ω,
RS at 0 V, Input to D a 500-kHz
274.8
mW
50% duty cycle square wave
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(4)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA, using a procedure described in JESD51-2a (sections 6 and 7).
(5)
The junction-to-board characterization parameter, yJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data for obtaining qJA , using a procedure described in JESD51-2a (sections 6 and 7).
(6)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
CANH
2.75
3.5
4.5
Bus output voltage
See Figure 1, TXD = 0 V, S = 0 V, AB = 0 V (HVD253),
VO(D)
V
(dominant)
RCM = open, CL = open, RL = 60 Ω
CANL
0.5
1.5
2.25
VO(R)
Bus output voltage (recessive)
TXD = 3 V, S = 0 V
No Load
2
2.5
3
V
See Figure 1, TXD = 0 V, S = 0 V, RCM = open,
1.5
2.4
3.4
CL = open, 45 Ω ≤ RL ≤ 60 Ω
Differential output voltage
VOD(D)
V
(dominant)
See Figure 1, TXD = 0 V, S = 0 V, RL = 60 Ω,
1.2
2.6
3.3
RCM = 330 Ω, CL = open, –5 V < VCM < 10 V
RL = 60 Ω
–12
12
Differential output voltage
See Figure 1, TXD = 3 V, S = 0 V,
VOD(R)
mV
(recessive)
RCM = open, CL = 100 pF
No load
–100
50
Output symmetry (dominant or
See Figure 1, S = 0 V, AB = 0 V (HVD253), RCM = open,
VSYM
–400
0
400
mV
recessive)
CL = open, RL = 60 Ω, VSYM = VCC – VCANH – VCANL
–5 V < VCANH < 10 V, CANL open
–350
2.5
Short-circuit steady-state output
IOS(ss)
mA
current
–5 V < VCANL < 10 V, CANH open
–2.5
350
(1)
All typical values are at 25°C with VCC = 5 V.
DRIVER SWITCHING CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpHR
Propagation delay time, high input to recessive output
50
70
tpLD
Propagation delay time, low input to dominant output
40
70
See Figure 1, S = 0 V, RL = 60 Ω,
ns
CL = 100 pF, RCM = open
tr
Differential output signal rise time, 10% to 90%
15
30
tf
Differential output signal fall time, 90% to 10%
17
30
RL = 60 Ω, CL = 15 pF,
ten
Enable time from silent mode to dominant
200
ns
CLD = 100 pF
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD252 SN65HVD253


Similar Part No. - SN65HVD252_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD252D TI1-SN65HVD252D Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
SN65HVD252DR TI1-SN65HVD252DR Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
More results

Similar Description - SN65HVD252_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD252 TI1-SN65HVD252 Datasheet
585Kb / 17P
[Old version datasheet]   DeviceNet??CAN Transceivers
TCAN330 TI1-TCAN330 Datasheet
1Mb / 39P
[Old version datasheet]   CAN Transceivers
SN65HVD265 TI1-SN65HVD265 Datasheet
1Mb / 33P
[Old version datasheet]   Turbo CAN Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230QDRG4Q1 TI-SN65HVD230QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233_08 Datasheet
468Kb / 26P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com