Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1040HD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040HD
Description  LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1040HD Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD1040HD Datasheet HTML 5Page - Texas Instruments SN65HVD1040HD Datasheet HTML 6Page - Texas Instruments SN65HVD1040HD Datasheet HTML 7Page - Texas Instruments SN65HVD1040HD Datasheet HTML 8Page - Texas Instruments SN65HVD1040HD Datasheet HTML 9Page - Texas Instruments SN65HVD1040HD Datasheet HTML 10Page - Texas Instruments SN65HVD1040HD Datasheet HTML 11Page - Texas Instruments SN65HVD1040HD Datasheet HTML 12Page - Texas Instruments SN65HVD1040HD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
1000
10000
100000
130
140
150
160
170
180
190
200
210
220
Continuous TJ (°C)
SN65HVD1040-HT
www.ti.com
SLLSEA6D – DECEMBER 2011 – REVISED AUGUST 2012
STB-PIN CHARACTERISTICS
over recommended operating conditiions (unless otherwise noted)
TJ = -55°C to 125°C
TJ = -55°C to 175°C
TJ = -55°C to 210°C
TEST
PARAMETER
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
IIH
High level input current
STB at 2 V
–10
0
–10
0
–10
0
μA
IIL
Low level input current
STB at 0 V
–10
0
–10
0
–10
0
μA
A.
See datasheet for absolute maximum and minimum recommended operating conditions.
B.
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
C.
The predicted operating lifetime vs. junction temperature is based on reliability modeling using electromigration as the
dominant failure mechanism affecting device wear out for the specific device process and design characteristics.
Figure 1. SN65HVD1040-HT Operating Life Derating Chart
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65HVD1040-HT


Similar Part No. - SN65HVD1040HD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1040HD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
   High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
logo
ON Semiconductor
NCV7343 ONSEMI-NCV7343 Datasheet
246Kb / 23P
   CAN FD Transceiver, Low Power, with INH, WAKE and Error Detection
February, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com