Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1040 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1040
Description  LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1040 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD1040 Datasheet HTML 1Page - Texas Instruments SN65HVD1040 Datasheet HTML 2Page - Texas Instruments SN65HVD1040 Datasheet HTML 3Page - Texas Instruments SN65HVD1040 Datasheet HTML 4Page - Texas Instruments SN65HVD1040 Datasheet HTML 5Page - Texas Instruments SN65HVD1040 Datasheet HTML 6Page - Texas Instruments SN65HVD1040 Datasheet HTML 7Page - Texas Instruments SN65HVD1040 Datasheet HTML 8Page - Texas Instruments SN65HVD1040 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
SN65HVD1040-HT
www.ti.com
SLLSEA6D – DECEMBER 2011 – REVISED AUGUST 2012
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
TJ
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
KGD (bare die)
SN65HVD1040SKGD3
NA
–55°C to 210°C
HKQ
SN65HVD1040SHKQ
HVD1040SHKQ
–55°C to 175°C
D
SN65HVD1040HD
H1040
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
BARE DIE INFORMATION
DIE
BACKSIDE
BOND PAD
BACKSIDE FINISH
BOND PAD THICKNESS
THICKNESS
POTENTIAL
METALLIZATION COMPOSITION
15 mils.
Silicon with backgrind
Floating
CuNiPd
15 microns
Table 2. BOND PAD COORDINATES (µm)
DESCRIPTION
PAD NUMBER
X MIN
Y MIN
X MAX
Y MAX
PAD SIZE X
PAD SIZE Y
TXD
1
53.64
162
137.7
246.06
84.06
84.06
GND
2
804.06
50.85
888.12
134.91
84.06
84.06
GND
3
920.07
50.85
1004.13
134.91
84.06
84.06
Vcc
4
1320.21
54.18
1404.27
138.24
84.06
84.06
Vcc
5
1431.09
54.18
1515.15
138.24
84.06
84.06
RXD
6
2148.75
164.34
2232.81
248.4
84.06
84.06
SPLIT
7
2147.4
707.49
2231.46
791.55
84.06
84.06
CANL
8
771.93
907.38
855.99
991.44
84.06
84.06
CANH
9
527.31
907.38
611.37
991.44
84.06
84.06
STB
10
62.28
806.13
146.34
890.19
84.06
84.06
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVD1040-HT


Similar Part No. - SN65HVD1040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
SN65HVD1040-Q1 TI-SN65HVD1040-Q1 Datasheet
350Kb / 16P
[Old version datasheet]   EMC OPTIMIZED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
359Kb / 17P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
477Kb / 19P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
SN65HVD1040A-Q1 TI-SN65HVD1040A-Q1 Datasheet
526Kb / 20P
[Old version datasheet]   EMC-OPTIMIZED HIGH SPEED CAN TRANSCEIVER
More results

Similar Description - SN65HVD1040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD1040 TI-SN65HVD1040 Datasheet
551Kb / 23P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_16 Datasheet
773Kb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.1 2016-06-06
TLE6251DS INFINEON-TLE6251DS Datasheet
571Kb / 22P
   High Speed CAN-Transceiver with Bus wake-up
Rev. 3.1, Aug. 2007
TLE8251V INFINEON-TLE8251V Datasheet
1Mb / 35P
   High Speed CAN Transceiver with Bus Wake-up
Rev. 1.0 2016-07-15
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
IFX1040 INFINEON-IFX1040 Datasheet
1Mb / 20P
   High Speed CAN-Transceiver with Stand-By Mode and Bus wake-up
Rev. 1.0, 2011-11-4
TLE6251G INFINEON-TLE6251G Datasheet
342Kb / 31P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.2, Apr. 2006
TLE6251G INFINEON-TLE6251G_08 Datasheet
1Mb / 32P
   High Speed CAN-Transceiver with Wake Detection
Rev. 3.3, June 2008
logo
ON Semiconductor
NCV7343 ONSEMI-NCV7343 Datasheet
246Kb / 23P
   CAN FD Transceiver, Low Power, with INH, WAKE and Error Detection
February, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com