Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSH3-56-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDSH3-56-HF
Description  Small Signal Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDSH3-56-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDSH3-56-HF Datasheet HTML 1Page - Comchip Technology CDSH3-56-HF Datasheet HTML 2Page - Comchip Technology CDSH3-56-HF Datasheet HTML 3Page - Comchip Technology CDSH3-56-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Small Signal Switching Diodes
Reel Taping Specification
QW-JA010
Comchip Technology CO., LTD.
Page 3
REV:A
Company reserves the right to improve product design , functions and reliability without notice.
B
C
d
D
D2
D1
SOT-523
SYMBOL
(mm)
(inch)
2.142 ± 0.039
4.00 ± 0.10
1.50 ± 0.10
54.40 ± 1.00
13.00 ± 1.00
4.00 ± 0.10
2.00 ± 0.10
178.00 ± 2.00
0.059 ± 0.004
7.008 ± 0.079
0.512 ± 0.039
SYMBOL
(mm)
(inch)
0.157 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
3.50 ± 0.10
0.138 ± 0.004
SOT-523
1.85 ± 0.05
0.073 ± 0.002
1.85 ± 0.05
0.073 ± 0.002
0.88 ± 0.05
0.035 ± 0.002
12.30 ± 1.00
0.484 ± 0.039
8.00 + 0.30 /–0.10
0.315 + 0.012 /–0.004
D1
D2
W1
D
A
XXX
3
1
2
P
P0
A
P1
W
C
Components
Trailer Tape
50±2 Empty Pockets
Leader Tape
100±2 Empty Pockets


Similar Part No. - CDSH3-56-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-56-HF COMCHIP-CDSH3-56-HF Datasheet
116Kb / 4P
   Small Signal Switching Diodes
More results

Similar Description - CDSH3-56-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDSH3-16-G COMCHIP-CDSH3-16-G_12 Datasheet
71Kb / 2P
   Small Signal Switching Diodes
CDSH3-21-G COMCHIP-CDSH3-21-G_12 Datasheet
69Kb / 2P
   Small Signal Switching Diodes
CDSH3-222N-G COMCHIP-CDSH3-222N-G_12 Datasheet
76Kb / 2P
   Small Signal Switching Diodes
CDST-99-G COMCHIP-CDST-99-G_12 Datasheet
114Kb / 4P
   Small Signal Switching Diodes
CDST-914-G COMCHIP-CDST-914-G_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes
CDSV3-217-G COMCHIP-CDSV3-217-G_12 Datasheet
105Kb / 4P
   Small Signal Switching Diodes
logo
Shenzhen Luguang Electr...
1SS132 LUGUANG-1SS132 Datasheet
194Kb / 2P
   Small Signal Switching Diodes
1SS134 LUGUANG-1SS134 Datasheet
185Kb / 2P
   Small Signal Switching Diodes
logo
Comchip Technology
CDSL-4148-G COMCHIP-CDSL-4148-G Datasheet
112Kb / 4P
   Small Signal Switching Diodes
CDSH3 COMCHIP-CDSH3 Datasheet
572Kb / 2P
   Small Signal Switching Diodes
logo
DAESAN ELECTRONIC CORP.
MCL4148 DAESAN-MCL4148 Datasheet
493Kb / 3P
   SMALL SIGNAL SWITCHING DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com