Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1771PW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1771PW
Description  LOW VOLTAGE AND POWER STEREO AUDIO DIGITAL TO ANALOG CONVER WITH HEADPHONE AMPLIFER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1771PW Datasheet(HTML) 5 Page - Texas Instruments

  PCM1771PW Datasheet HTML 1Page - Texas Instruments PCM1771PW Datasheet HTML 2Page - Texas Instruments PCM1771PW Datasheet HTML 3Page - Texas Instruments PCM1771PW Datasheet HTML 4Page - Texas Instruments PCM1771PW Datasheet HTML 5Page - Texas Instruments PCM1771PW Datasheet HTML 6Page - Texas Instruments PCM1771PW Datasheet HTML 7Page - Texas Instruments PCM1771PW Datasheet HTML 8Page - Texas Instruments PCM1771PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
PCM1770
PCM1771
SLES011C – SEPTEMBER 2001 – REVISED MAY 2004
www.ti.com
5
Terminal Functions
PCM1770PW
TERMINAL
I/O
DESCRIPTIONS
NAME
NO.
I/O
DESCRIPTIONS
AGND
5
Analog ground. This is a return for VCC.
AIN
10
I
Monaural analog signal mixer input. The signal can be mixed with the output of L- and R-channel DACs.
BCK
3
I/O
Serial bit clock. Clocks the individual bits of the audio data input, DATA. In the slave interface mode, this clock is input
from external device. In the master interface mode, the PCM1770 device generates the BCK output to external device.
DATA
2
I
Serial audio data input
HGND
6
Analog ground. This is a return for VHP.
HOUTL
9
O
L-channel analog signal output of the headphone amplifiers
HOUTR
8
O
R-channel analog signal output of the headphone amplifiers
LRCK
1
I/O
Left and right clock. Determines which channel is being input on the audio data input, DATA. The frequency of LRCK
must be the same as the audio sampling rate. In the slave interface mode, this clock is input from an external device.
In the master interface mode, the PCM1770 device generates the LRCK output to an external device.
MC
14
I
Mode control port serial bit clock input. Clocks the individual bits of the control data input, MD.
MD
13
I
Mode control port serial data input. Controls the operation mode on the PCM1770 device.
MS
15
I
Mode control port select. The control port is active when this terminal is low.
PD
4
I
Reset input. When low, the PCM1770 device is powered down, and all mode control registers are reset to default
settings.
SCKI
16
I
System clock input
VCC
12
Power supply for all analog circuits except the headphone amplifier.
VCOM
7
Decoupling capacitor connection. An external 10-
µF capacitor connected from this terminal to analog ground is
required for noise filtering. Voltage level of this terminal is 0.5VHP nominal.
VHP
11
Analog power supply for the headphone amplifier circuits. The voltage level must be the same as VCC.
PCM1770RGA
TERMINAL
I/O
DESCRIPTIONS
NAME
NO.
I/O
DESCRIPTIONS
AGND
4
Analog ground. This is a return for VCC.
AIN
10
I
Monaural analog signal mixer input. The signal can be mixed with output of L- and R-channel DACs.
BCK
2
I/O
Serial bit clock. Clocks the individual bits of the audio data input, DATA. In the slave interface mode, this clock is input
from external device. In the master interface mode, the PCM1770 device generates the BCK output to external
device.
DATA
1
I
Serial audio data input
HGND
5
Analog ground. This is a return for VHP.
HOUTL
9
O
L-channel analog signal output of the headphone amplifiers
HOUTR
7
O
R-channel analog signal output of the headphone amplifiers
LRCK
20
I/O
Left and right clock. Determines which channel is being input on the audio data input, DATA. The frequency of LRCK
must be the same as the audio sampling rate. In the slave interface mode, this clock is input from an external device.
In the master interface mode, the PCM1770 device generates the LRCK output to an external device.
MC
14
I
Mode control port serial bit clock input. Clocks the individual bits of the control data input, MD.
MD
13
I
Mode control port serial data input. Controls the operation mode on the PCM1770 device.
MS
15
I
Mode control port select. The control port is active when this terminal is low.
NC
8, 17,
18, 19
No connect
PD
3
I
Reset input. When low, the PCM1770 device is powered down, and all mode control registers are reset to default
settings.
SCKI
16
I
System clock input
VCC
12
Power supply for all analog circuits except the headphone amplifier.
VCOM
6
Decoupling capacitor connection. An external 10-
µF capacitor connected from this terminal to analog ground is
required for noise filtering. Voltage level of this terminal is 0.5VHP nominal.
VHP
11
Analog power supply for the headphone amplifier circuits. The voltage level must be the same as VCC.


Similar Part No. - PCM1771PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1771PW TI-PCM1771PW Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1771PWG4 TI-PCM1771PWG4 Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1771PWR TI-PCM1771PWR Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
PCM1771PWRG4 TI-PCM1771PWRG4 Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
More results

Similar Description - PCM1771PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1770 TI-PCM1770_07 Datasheet
569Kb / 38P
[Old version datasheet]   LOW-VOLTAGE AND LOW-POWER STEREO AUDIO DIGITAL-TO-ANALOG CONVERTER WITH HEADPHONE AMPLIFIER
logo
Burr-Brown (TI)
PCM1772 BURR-BROWN-PCM1772 Datasheet
309Kb / 29P
   LOW VOLTAGE AND LOW POWER STEREO AUDIO DIGITAL TO ANALOG CONVERTER WITH LINEOUT AMPIIFIER
logo
STMicroelectronics
TDA7469 STMICROELECTRONICS-TDA7469 Datasheet
274Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
TDA7469 STMICROELECTRONICS-TDA7469_1 Datasheet
715Kb / 13P
   LOW VOLTAGE ANALOG AUDIO PROCESSOR WITH HEADPHONE POWER AMPLIFIER
logo
Elite Semiconductor Mem...
AD82550A ESMT-AD82550A Datasheet
186Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
AD82551A ESMT-AD82551A Datasheet
187Kb / 3P
   Stereo Digital Audio Amplifier with Headphone Driver
logo
Protek Devices
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Texas Instruments
PCM1774 TI-PCM1774 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, Low-Power Stereo Audio DAC With Analog Mixing, Line and Headphone Outputs
logo
Burr-Brown (TI)
PCM1740 BURR-BROWN-PCM1740 Datasheet
359Kb / 20P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER with VCXO and PLL
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com