Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD1477DGK Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD1477DGK
Description  3.3-V Full-Duplex RS-485 Transceivers With 짹16-kV IEC ESD
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD1477DGK Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65HVD1477DGK Datasheet HTML 3Page - Texas Instruments SN65HVD1477DGK Datasheet HTML 4Page - Texas Instruments SN65HVD1477DGK Datasheet HTML 5Page - Texas Instruments SN65HVD1477DGK Datasheet HTML 6Page - Texas Instruments SN65HVD1477DGK Datasheet HTML 7Page - Texas Instruments SN65HVD1477DGK Datasheet HTML 8Page - Texas Instruments SN65HVD1477DGK Datasheet HTML 9Page - Texas Instruments SN65HVD1477DGK Datasheet HTML 10Page - Texas Instruments SN65HVD1477DGK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
SN65HVD1470, SN65HVD1471, SN65HVD1473
SN65HVD1474, SN65HVD1476, SN65HVD1477
www.ti.com
SLLSEJ8D – JUNE 2014 – REVISED OCTOBER 2014
7.3 Recommended Operating Conditions
IEC 61000-4-2 ESD (Contact Discharge), bus pins and GND
MIN
NOM
MAX
UNIT
VCC
Supply voltage
3
3.3
3.6
V
VI
Input voltage at any bus pin (separately or common mode) (1)
–7
12
V
VIH
High-level input voltage (Driver, driver enable, and receiver enable inputs)
2
VCC
V
VIL
Low-level input voltage (Driver, driver enable, and receiver enable inputs)
0
0.8
V
VID
Differential input voltage
–12
12
V
IO
Output current, Driver
–60
60
mA
IO
Output current, Receiver
–8
8
mA
RL
Differential load resistance
54
60
Ω
CL
Differential load capacitance
50
pF
HVD1470, HVD1471
400
kbps
1/tUI
Signaling rate
HVD1473, HVD1474
20
Mbps
HVD1476, HVD1477
50
TA
(2)
Operating free-air temperature (See the Application and Implementation for thermal
–40
125
°C
information)
TJ
Junction Temperature
–40
150
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2)
Operation is specified for internal (junction) temperatures up to 150°C. Self-heating because of internal power dissipation should be
considered for each application. Maximum junction temperature is internally limited by the thermal shut-down (TSD) circuit which
disables the driver outputs when the junction temperature reaches 170°C.
7.4 Thermal Information — D Packages
THERMAL METRIC
D
D
UNIT
(8 PINS)
(14 PINS)
RθJA
Junction-to-ambient thermal resistance
110.7
83.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
54.7
42.9
RθJB
Junction-to-board thermal resistance
51.3
37.8
ψJT
Junction-to-top characterization parameter
9.2
9.3
ψJB
Junction-to-board characterization parameter
50.7
37.5
TJ(TSD)
Thermal shut-down junction temperature
170
°C
7.5 Thermal Information — DGS and DGK Packages
THERMAL METRIC
DGS
DGK
UNIT
(10 PINS)
(8 PINS)
RθJA
Junction-to-ambient thermal resistance
165.5
168.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
37.7
62.2
RθJB
Junction-to-board thermal resistance
86.4
89.5
ψJT
Junction-to-top characterization parameter
1.4
7.4
ψJB
Junction-to-board characterization parameter
84.8
87.9
TJ(TSD)
Thermal shut-down junction temperature
170
°C
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN65HVD1470 SN65HVD1471 SN65HVD1473 SN65HVD1474 SN65HVD1476 SN65HVD1477


Similar Part No. - SN65HVD1477DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD10 TI-SN65HVD10 Datasheet
273Kb / 20P
[Old version datasheet]   3.3V RS 485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
527Kb / 25P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI-SN65HVD10 Datasheet
908Kb / 28P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVERS
SN65HVD10 TI1-SN65HVD10 Datasheet
691Kb / 26P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
SN65HVD10-EP TI-SN65HVD10-EP Datasheet
352Kb / 22P
[Old version datasheet]   3.3 V RS-485 TRANSCEIVERS
More results

Similar Description - SN65HVD1477DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THVD1410 TI1-THVD1410 Datasheet
624Kb / 34P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹16-kV IEC ESD Protection
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
logo
Analog Devices
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
logo
Texas Instruments
THVD1410 TI1-THVD1410_19 Datasheet
2Mb / 50P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With (,-)18-kV IEC ESD Protection
THVD1410 TI1-THVD1410_18 Datasheet
1Mb / 42P
[Old version datasheet]   3.3-V to 5-V RS-485 Transceivers With 짹18-kV IEC ESD Protection
THVD1510 TI1-THVD1510 Datasheet
826Kb / 39P
[Old version datasheet]   5-V RS-485 Transceivers With 18-kV IEC ESD Protection
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Sipex Corporation
SP1490E SIPEX-SP1490E_05 Datasheet
149Kb / 10P
   Full Duplex RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com