Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA8028 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA8028
Description  2.5 GHz sigma delta fractional-N / 760 MHz IF integer frequency synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA8028 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA8028 Datasheet HTML 2Page - NXP Semiconductors SA8028 Datasheet HTML 3Page - NXP Semiconductors SA8028 Datasheet HTML 4Page - NXP Semiconductors SA8028 Datasheet HTML 5Page - NXP Semiconductors SA8028 Datasheet HTML 6Page - NXP Semiconductors SA8028 Datasheet HTML 7Page - NXP Semiconductors SA8028 Datasheet HTML 8Page - NXP Semiconductors SA8028 Datasheet HTML 9Page - NXP Semiconductors SA8028 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Philips Semiconductors
Product data
SA8028
2.5 GHz sigma delta fractional-N /
760 MHz IF integer frequency synthesizers
2002 Feb 22
6
CHARACTERISTICS
VDDCP = VDD = VDDpre= +3.0 V, Tamb = +25°C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDD,
VDDpre
Digital supply voltage, prescaler supply voltage
VDD = VDDpre
2.7
3.6
V
VDDCP
Charge pump supply voltage
VDDCP ≥ VDD, VDDpre
2.7
3.6
V
IDDTotal
Synthesizer operational total supply current
fREF = 20 MHz
(with RF on, IF on)
7.6
mA
(with RF on, IF off)
6.4
mA
IDDsleep
Total supply current in power-down mode
logic levels 0 or VDD
0.1
1
µA
RF divider input
fRFin
RF VCO input frequency range
500
2500
MHz
VRFin
AC-coupled input signal level
Rin (external) = Rs = 50 Ω;
single-ended drive;
–15
0
dBm
g
max. limit is indicative
@ 500 to 2500 MHz
112
632
mVpp
ZRFin
Input impedance Re (Z)
fRFin = 2.4 GHz
300
CRFin
Typical pin input capacitance
fRFin = 2.4 GHz
1
pF
NRF
RF divider ratio ranges
Limited test coverage
33
509
FCOMPmax
Maximum phase comparator frequency
RF phase comparator
30
MHz
IF divider input
fIFin
Input frequency range
100
760
MHz
VIFin
AC-coupled input signal level
fIFin: 100 MHz to 500 MHz
R (external)
R
50
Ω;
–15
0
dBm
Rin (external) = RS = 50 Ω;
max. limit is indicative
112
632
mVpp
fIFin: 500 MHz to 760 MHz
R (external)
R
50
Ω;
–10
0
dBm
Rin (external) = RS = 50 Ω;
max. limit is indicative
200
632
mVpp
ZFin
Input impedance Re (Z)
fRFin = 500 MHz
3.9
k
CFin
Typical pin input capacitance
fRFin = 500 MHz
0.5
pF
NIF
IF division ratio
128
16383
Reference divider input
fREFin
Input frequency range from TCXO
5
30
MHz
VREFin
AC-coupled input signal level
single-ended drive;
max. limit is indicative
360
1300
mVPP
ZREFin
Input impedance Re (Z)
fREF = 20 MHz
10
k
CREFin
Typical pin input capacitance
fREF = 20 MHz
1
pF
RREF
Reference division ratio
SA = ”000”, IF loop
4
1023
Charge pump current setting resistor input
RSET
External resistor from pin to ground
6
7.5
15
k
VSET
Regulated voltage at pin
RSET = 7.5 kΩ
1.22
V
Charge pump outputs; RSET = 7.5 kΩ
ICP
Charge pump current ratio to ISET1
Current gain = IPH/ISET
–15
+15
%
IMATCH
Sink-to-source current matching
VPH = 1/2 VDDCP
–10
+10
%
IZOUT
Output current variation versus VPH2
VPH in compliance range
–10
+10
%
ILPH
Charge pump off leakage current
VPH = 1/2 VDDCP
–10
+10
nA
VPH
Charge pump voltage compliance
0.6
VDDCP–0.7 V


Similar Part No. - SA8028

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA8025A PHILIPS-SA8025A Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8025ADK PHILIPS-SA8025ADK Datasheet
456Kb / 23P
   Low-voltage 1.8GHz fractional-N synthesizer
1996 Oct 15
SA8026 PHILIPS-SA8026 Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8026DH PHILIPS-SA8026DH Datasheet
289Kb / 18P
   2.5GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
SA8027 PHILIPS-SA8027 Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
More results

Similar Description - SA8028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Fujitsu Component Limit...
MB15F8XUL FUJITSU-MB15F8XUL Datasheet
201Kb / 6P
   Fractional-N / Integer dual PLL Frequency Synthesizers
logo
National Semiconductor ...
LMX2471 NSC-LMX2471 Datasheet
458Kb / 36P
   3.6 GHz Delta-Sigma Fractional-N PLL with 1.7 GHz Integer-N PLL
logo
NXP Semiconductors
SA8027 PHILIPS-SA8027 Datasheet
231Kb / 22P
   2.5 GHz low voltage, low power RF fractional-N/IF integer frequency synthesizer
2001 Aug 21
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
logo
National Semiconductor ...
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
Texas Instruments
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
[Old version datasheet]   LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com