Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8420A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8420A
Description  microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8420A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP8420A Datasheet HTML 1Page - National Semiconductor (TI) DP8420A Datasheet HTML 2Page - National Semiconductor (TI) DP8420A Datasheet HTML 3Page - National Semiconductor (TI) DP8420A Datasheet HTML 4Page - National Semiconductor (TI) DP8420A Datasheet HTML 5Page - National Semiconductor (TI) DP8420A Datasheet HTML 6Page - National Semiconductor (TI) DP8420A Datasheet HTML 7Page - National Semiconductor (TI) DP8420A Datasheet HTML 8Page - National Semiconductor (TI) DP8420A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 58 page
background image
10 Introduction
The DP8420A21A22A are CMOS Dynamic RAM control-
lers that incorporate many advanced features which include
address latches refresh counter refresh clock row column
and refresh address multiplexer delay line refreshaccess
arbitration logic and high capacitive drivers The program-
mable system interface allows any manufacturer’s micro-
processor
or
bus
to
directly
interface
via
the
DP8420A21A22A to DRAM arrays up to 64 Mbytes in
size
After power up the user must first reset and program the
DP8420A21A22A before accessing the DRAM The chip
is programmed through the address bus
Reset
Due to the differences in power supplies the internal reset
circuit may not always reset correctly therefore an External
(hardware) Reset must be performed before programming
the chip
Programming
After resetting the chip the user can program the controller
by either one of two methods Mode Load Only Program-
ming or Chip Select Access Programming
Initialization Period
Once the DP8420A21A22A has been programmed for the
first time a 60 ms initialization period is entered During this
time the DRC performs refreshes to the DRAM array so
further warm up cycles are unnecessary The initialization
period is entered only after the first programming after a
reset
Accessing Modes
After
resetting
and
programming
the
chip
the
DP8420A21A22A is ready to access the DRAM There
are two modes of accessing with these controllers Mode 0
which indicates RAS synchronously and Mode 1 which indi-
cates RAS asynchronously
Refresh Modes
The DP8420A21A22A have expanded refresh capabilities
compared to previous DRAM controllers There are three
modes of refreshing available Internal Automatic Refresh-
ing Externally ControlledBurst Refreshing and Refresh Re-
questAcknowledge Refreshing Any of these modes can
be used together or separately to achieve the desired re-
sults
Refresh Types
These controllers have three types of refreshing available
Conventional Staggered and Error Scrubbing Any refresh
control mode can be used with any type of refresh
Wait Support
The DP8420A21A22A have wait support available as
DTACK or WAIT Both are programmable DTACK Data
Transfer ACKnowledge is useful for processors whose wait
signal is active high WAIT is useful for those processors
whose wait signal is active low The user can choose either
at programming These signals are used by the on chip arbi-
ter to insert wait states to guarantee the arbitration between
accesses refreshes and precharge Both signals are inde-
pendent of the access mode chosen and both signals can
be dynamically delayed further through the WAITIN signal to
the DP8420A21A22A
Sequential Accesses (Static ColumnPage Mode)
The DP8420A21A22A have address latches used to
latch the bank row and column address inputs Once the
address is latched a COLumn INCrement (COLINC) feature
can be used to increment the column address The address
latches can also be programmed to be fall through COLINC
can be used for Sequential Accesses of Static Column
DRAMs Also COLINC in conjunction with ECAS inputs can
be used for Sequential Accesses to Page Mode DRAMs
RAS and CAS Configuration (Byte Writing)
The RAS and CAS drivers can be configured to drive a one
two or four bank memory array up to 32 bits in width The
ECAS signals can then be used to select one of four CAS
drivers for Byte Writing with no extra logic
Memory Interleaving
When configuring the DP820A21A22A for more than one
bank Memory Interleaving can be used By tying the low
order address bits to the bank select lines B0 and B1 se-
quential back to back accesses will not be delayed since
these controllers have separate precharge counters per
bank
Address Pipelining
The DP8420A21A22A are capable of performing Address
Pipelining In address pipelining the DRC will guarantee the
column address hold time and switch the internal multiple-
xor to place the row address on the address bus At this
time another memory access to another bank can be initiat-
ed
Dual Accessing
Finally the DP8422A has all the features previously men-
tioned and unlike the DP8420A21A the DP8422A has a
second port to allow a second CPU to access the same
memory array The DP8422A has four signals to support
Dual Accessing these signals are AREQB ATACKB LOCK
and GRANTB All arbitration for the two ports and refresh is
done on chip by the controller through the insertion of wait
states Since the DP8422A has only one input address bus
the address lines must be multiplexed externally The signal
GRANTB can be used for this purpose
Terminology
The following explains the terminology used in this data
sheet The terms negated and asserted are used Asserted
refers to a ‘‘true’’ signal Thus ‘‘ECAS0 asserted’’ means
the ECAS0 input is at a logic 0 The term ‘‘COLINC assert-
ed’’ means the COLINC input is at a logic 1 The term negat-
ed refers to a ‘‘false’’ signal Thus ‘‘ECAS0 negated’’
means the ECAS0 input is at a logic 1 The term ‘‘COLINC
negated’’ means the input COLINC is at a logic 0 The table
shown below clarifies this terminology
Signal
Action
Logic Level
Active High
Asserted
High
Active High
Negated
Low
Active Low
Asserted
Low
Active Low
Negated
High
3


Similar Part No. - DP8420A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8420V-33 NSC-DP8420V-33 Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
More results

Similar Description - DP8420A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8420V NSC-DP8420V Datasheet
824Kb / 60P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8430V NSC-DP8430V Datasheet
770Kb / 56P
   microCMOS Programmable 256k/1M/4M Dynamic RAM Controller/Drivers
DP8520A NSC-DP8520A Datasheet
859Kb / 70P
   DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
DP8418 NSC-DP8418 Datasheet
525Kb / 28P
   64k, 256k Dynamic RAM Controller/Drivers
DP8440-40 NSC-DP8440-40 Datasheet
644Kb / 46P
   microCMOS Programmable 16/64 Mbit Dynamic RAM Controller/Driver
logo
Sharp Corporation
LH6V4256 SHARP-LH6V4256 Datasheet
198Kb / 18P
   CMOS 1M (256K x 4) Dynamic RAM
logo
National Semiconductor ...
DP8428 NSC-DP8428 Datasheet
523Kb / 26P
   1 Megabit High Speed Dynamic RAM Controller/Drivers
logo
Cypress Semiconductor
CY62147V CYPRESS-CY62147V Datasheet
170Kb / 9P
   4M (256K x 16) Static RAM
CY64146V CYPRESS-CY64146V Datasheet
234Kb / 10P
   4M (256K x 16) Static RAM
logo
Siemens Semiconductor G...
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com