Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-7489 Datasheet(PDF) 7 Page - Stanford Microdevices

Part # SGA-7489
Description  DC-3000 MHZ SILICON GERMANIUM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SGA-7489 Datasheet(HTML) 7 Page - Stanford Microdevices

  SGA-7489 Datasheet HTML 1Page - Stanford Microdevices SGA-7489 Datasheet HTML 2Page - Stanford Microdevices SGA-7489 Datasheet HTML 3Page - Stanford Microdevices SGA-7489 Datasheet HTML 4Page - Stanford Microdevices SGA-7489 Datasheet HTML 5Page - Stanford Microdevices SGA-7489 Datasheet HTML 6Page - Stanford Microdevices SGA-7489 Datasheet HTML 7Page - Stanford Microdevices SGA-7489 Datasheet HTML 8Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary
Preliminary
SGA-7489 DC-3000 MHz 5V SiGe Amplifier
7
EDS-101801 Rev A
Phone: (800) SMI-MMIC
http://www.stanfordmicro.com
726 Palomar Ave., Sunnyvale, CA 94085
Noise Figure vs. Frequency for SGA-7489 2GHz
Tuned Circuit ,Id=130 mA, T=+25C
0
2
4
6
8
10
1000
1500
2000
2500
3000
Frequency (MHz)
Id vs. Vd Variation over Temperature for
Vs=7 Volts and Rbias = 15 Ohms for SGA-7489
80
100
120
140
160
180
4.54.6
4.74.8
4.9
5
5.1
5.25.3
5.45.5
Vd (Volts)
-40C
+85C
Pdmax(Tj=150C) =790mW
Plot of Vd vs. Temp. @ Id=130 mA (no signal)
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
-50
-30
-10
10
30507090
Temperature (Deg. C)


Similar Part No. - SGA-7489

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489Z SIRENZA-SGA-7489Z Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
More results

Similar Description - SGA-7489

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-0363 ETC-SGA-0363 Datasheet
260Kb / 5P
   DC 5000 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
SGA-3586 ETC-SGA-3586 Datasheet
249Kb / 5P
   DC-5000 MHz Silicon Germanium Cascadeable Gain Block
SGA-4563 ETC-SGA-4563 Datasheet
265Kb / 5P
   DC-2500 MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0363 SIRENZA-SGA-0363 Datasheet
251Kb / 5P
   DC-5000 MHz, Silicon Germanium Cascadeable Gain Block
SGA-5263 SIRENZA-SGA-5263 Datasheet
259Kb / 6P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
logo
Stanford Microdevices
SGA-5263 STANFORD-SGA-5263 Datasheet
258Kb / 5P
   DC-4500 mhz silicon GERMANIUM CASCADEABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGA-0163 SIRENZA-SGA-0163 Datasheet
249Kb / 5P
   DC-4500 MHz, Silicon Germanium Cascadeable Gain Block
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com