Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRU30-12 Datasheet(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Part # DRU30-12
Description  30A DC UPS CONTROLLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

DRU30-12 Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  DRU30-12 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. DRU30-12 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. DRU30-12 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. DRU30-12 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - DRU30-12

ManufacturerPart #DatasheetDescription
logo
Powerbox
DRU-24V40ABN POWERBOX-DRU-24V40ABN Datasheet
388Kb / 2P
   DC-UPS MODULE DIN RAIL 24V 40A
logo
Dubilier
DRU21C102CA DUBILIER-DRU21C102CA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
DRU21C102CATA DUBILIER-DRU21C102CATA Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
DRU21C102CATR DUBILIER-DRU21C102CATR Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
DRU21C102CB DUBILIER-DRU21C102CB Datasheet
126Kb / 1P
   CAPACITORS CERAMIC MULTI-LAYER RADIAL DR
More results

Similar Description - DRU30-12

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
SPUC24720 CARLOGAVAZZI-SPUC24720 Datasheet
1Mb / 4P
   UPS Controller Type SPUC 30A 12 / 24V DIN Rail Mounting
logo
PULS GmbH
UBC10.241 PULS-UBC10.241 Datasheet
1Mb / 23P
   DC-UPS
UB10.242 PULS-UB10.242 Datasheet
721Kb / 21P
   DC-UPS
UB20.241 PULS-UB20.241 Datasheet
887Kb / 31P
   DC-UPS
UC10.241 PULS-UC10.241 Datasheet
669Kb / 27P
   CAPACITOR-BASED DC-UPS
logo
Total Power Internation...
DR-UPS40 TOTAL-POWER-DR-UPS40 Datasheet
414Kb / 3P
   40A DC UPS Module
logo
Mean Well Enterprises C...
DR-UPS40 MEANWELL-DR-UPS40_11 Datasheet
310Kb / 3P
   40A DC UPS Module
DR-UPS40 MEANWELL-DR-UPS40 Datasheet
307Kb / 3P
   40A DC UPS Module
logo
Powerbox
PB256 POWERBOX-PB256 Datasheet
141Kb / 1P
   138 WATTS DC UPS
logo
PULS GmbH
UB10.241 PULS-UB10.241 Datasheet
700Kb / 23P
   DC-UPS CONTROL UNIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com