Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN6505A Datasheet(PDF) 5 Page - Texas Instruments

Part # SN6505A
Description  Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6505A Datasheet(HTML) 5 Page - Texas Instruments

  SN6505A_16 Datasheet HTML 1Page - Texas Instruments SN6505A_16 Datasheet HTML 2Page - Texas Instruments SN6505A_16 Datasheet HTML 3Page - Texas Instruments SN6505A_16 Datasheet HTML 4Page - Texas Instruments SN6505A_16 Datasheet HTML 5Page - Texas Instruments SN6505A_16 Datasheet HTML 6Page - Texas Instruments SN6505A_16 Datasheet HTML 7Page - Texas Instruments SN6505A_16 Datasheet HTML 8Page - Texas Instruments SN6505A_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
SN6505A, SN6505B
www.ti.com
SLLSEP9B – SEPTEMBER 2015 – REVISED FEBRUARY 2016
Product Folder Links: SN6505A SN6505B
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over full-range of recommended operating conditions, unless otherwise noted. All typical values are at TA = 25°C, VCC = 5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(SLEW)
Voltage slew rates on D1 and D2 for
SN6505A
RL = 50 Ω to VCC; Refer to Figure 12
48
V/µs
I(SLEW)
Current slew rates at D1 and D2 for
SN6505A
RL = 5 Ω through transformer;
Refer to Figure 13
11
A/µs
V(SLEWHF)
Voltage slew rates on D1 and D2 for
SN6505B
RL = 50 Ω to VCC; Refer to Figure 12
152
V/µs
I(SLEWHF)
Current slew rates at D1 and D2 for
SN6505B
RL = 5 Ω through transformer;
Refer to Figure 13
41
A/µs
ILIM
Current clamp limit (2.8 V < VCC < 5.5V )
1.42
1.75
2.15
A
Current clamp limit (2.25 V < VCC < 2.8 V)
0.65
1.85
A
THERMAL SHUT DOWN
TSD+
TSD turn on temperature
154
168
181
°C
TSD-
TSD turn off temperature
135
150
166
°C
TSD-
TSD hysteresis
13
17
°C
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
CLK
tCLKTIMER
Duration after which device switches to internal clock in case of invalid external
clock
10
25
µs
OUTPUT STAGE
tBBM
Break-before-make
time(SN6505A)
Measured as voltage with RL = 50 Ω to VCC,
Refer to Figure 12
115
ns
Break-before-make time
(SN6505B)
90
ns
SOFT START
tSS
Soft start time
10% to 90% transition time on VOUT With
transformer CLOAD = 40 µF
RL = 5 Ω
1
4.25
8
ms
tSSdelay
Soft start time delay
From power up to 90% transition time on
VOUT With transformer CLOAD = 40 µF
RL = 5 Ω
3.5
8.5
18
ms


Similar Part No. - SN6505A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6505A TI-SN6505A_15 Datasheet
1Mb / 30P
[Old version datasheet]   SN6505 Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
More results

Similar Description - SN6505A_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6505A-Q1 TI1-SN6505A-Q1_19 Datasheet
947Kb / 35P
[Old version datasheet]   Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
SN6505A-Q1 TI1-SN6505A-Q1 Datasheet
797Kb / 33P
[Old version datasheet]   Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
SN6505A TI-SN6505A_15 Datasheet
1Mb / 30P
[Old version datasheet]   SN6505 Low-Noise 1-A Transformer Drivers for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI-SN6501_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501 Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   SN6501-Q1 Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258_13 Datasheet
637Kb / 12P
   500mA, Push-Pull Transformer Driver for Isolated Power Supplies
Rev 0; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com