Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN55116 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN55116
Description  DIFFERENTIAL LINE TRANSCEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55116 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN55116 Datasheet HTML 6Page - Texas Instruments SN55116 Datasheet HTML 7Page - Texas Instruments SN55116 Datasheet HTML 8Page - Texas Instruments SN55116 Datasheet HTML 9Page - Texas Instruments SN55116 Datasheet HTML 10Page - Texas Instruments SN55116 Datasheet HTML 11Page - Texas Instruments SN55116 Datasheet HTML 12Page - Texas Instruments SN55116 Datasheet HTML 13Page - Texas Instruments SN55116 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SN55116
DIFFERENTIAL LINE TRANSCEIVERS
SGLS319 − NOVEMBER 2005
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
Figure 13
From Output
Under Test
Test
Point
CL = 30 pF
(see Note A)
LOAD CIRCUIT
≤5 ns
Input
10%
90%
1.5 V
3 V
0 V
NAND
Output
AND
Output
tPLH
tPHL
VOLTAGE WAVEFORMS
VOH
VOL
VOH
VOL
tPHL
tPLH
1.5 V
1.5 V
90%
10%
≤5 ns
1.5 V
1.5 V
1.5 V
tPLH and tPHL (drivers only)
Figure 14
RL = 180 Ω
3 V
0 V
0.5 V
tPZH
VOH
Voff = 0 V
tPHZ
Input
Output
VOLTAGE WAVEFORMS
LOAD CIRCUIT
From Output
Under Test
CL = 30 pF
(see Note A)
Test
Point
≤5 ns
≤5 ns
90%
90%
1.5 V
1.5 V
10%
10%
1.5 V
tPZH and tPHZ
Figure 15
RL = 400 Ω
5 V
See Note B
LOAD CIRCUIT
VOLTAGE WAVEFORMS
Output
10%
10%
See Note C
VL
VH
VOH
VOL
tPHL
tPLH
B Input
(see Note C)
Test
Point
From Output
Under Test
CL = 30 pF
(see Note A)
≤5 ns
≤5 ns
90%
50%
90%
50%
1.5 V
1.5 V
tPLH and tPHL (receivers only)
NOTES: A. CL includes probe and jig capacitance.
B. All diodes are 1N3064 or equivalent.
C. VH = 3 V, VL = − 3 V, the A input is at 0 V.
D. When testing the receiver sections, the response-time control and the termination-resistor pins are left open.


Similar Part No. - SN55116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI-SN55116 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI1-SN55116 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116FK TI-SN55116FK Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116FK TI-SN55116FK Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
More results

Similar Description - SN55116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNJ55118 TI-SNJ55118 Datasheet
484Kb / 12P
[Old version datasheet]   Differential line transceivers
SN55116 TI-SN55116 Datasheet
239Kb / 15P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN55116 TI1-SN55116_14 Datasheet
1Mb / 29P
[Old version datasheet]   DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677 Datasheet
341Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1677 TI-SN65LVDM1677_07 Datasheet
421Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65LVDM1676 TI-SN65LVDM1676_08 Datasheet
450Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE TRANSCEIVERS
SN65ALS176 TI-SN65ALS176 Datasheet
212Kb / 15P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
logo
National Semiconductor ...
LMS75LBC176 NSC-LMS75LBC176 Datasheet
161Kb / 10P
   Differential Bus Transceivers
logo
Texas Instruments
SN65LBC176A TI-SN65LBC176A Datasheet
342Kb / 18P
[Old version datasheet]   DIFFERENTIAL BUS TRANSCEIVERS
SN65LBC170 TI-SN65LBC170_08 Datasheet
474Kb / 19P
[Old version datasheet]   TRIPLE DIFFERENTIAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com