Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS165AJ Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74LS165AJ
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS165AJ Datasheet(HTML) 2 Page - Texas Instruments

  SN74LS165AJ Datasheet HTML 1Page - Texas Instruments SN74LS165AJ Datasheet HTML 2Page - Texas Instruments SN74LS165AJ Datasheet HTML 3Page - Texas Instruments SN74LS165AJ Datasheet HTML 4Page - Texas Instruments SN74LS165AJ Datasheet HTML 5Page - Texas Instruments SN74LS165AJ Datasheet HTML 6Page - Texas Instruments SN74LS165AJ Datasheet HTML 7Page - Texas Instruments SN74LS165AJ Datasheet HTML 8Page - Texas Instruments SN74LS165AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54165, SN54LS165A, SN74165, SN74LS165A
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SDLS062D – OCTOBER 1976 – REVISED FEBRUARY 2002
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74LS165AN
SN74LS165AN
0
°Cto70°C
SOIC
D
Tube
SN74LS165AD
LS165A
0
°C to 70°C
SOIC – D
Tape and reel
SN74LS165ADR
LS165A
SOP – NS
Tape and reel
SN74LS165ANSR
74LS165A
CDIP
J
Tube
SN54LS165AJ
SN54LS165AJ
55
°Cto125°C
CDIP – J
Tube
SNJ54LS165AJ
SNJ54LS165AJ
–55
°C to 125°C
CFP – W
Tube
SNJ54LS165AW
SNJ54LS165AW
LCCC – FK
Tube
SNJ54LS165AFK
SNJ54LS165AFK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
INPUTS
INTERNAL
OUTPUTS
OUTPUT
SH/LD
CLK INH
CLK
SER
PARALLEL
A...H
QA
QB
QH
L
X
X
X
a...h
a
b
h
H
LL
X
X
QA0
QB0
QH0
H
L
HX
H
QAn
QGn
H
L
LX
L
QAn
QGn
H
H
X
X
X
QA0
QB0
QH0
The SN54165 and SN74165 devices
are obsolete and are no longer supplied.


Similar Part No. - SN74LS165AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS165AJ TI-SN74LS165AJ Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74LS165AJ TI-SN74LS165AJ Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
More results

Similar Description - SN74LS165AJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165 Datasheet
199Kb / 13P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com