Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61010 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61010
Description  HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61010 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61010 Datasheet HTML 5Page - Texas Instruments TPS61010 Datasheet HTML 6Page - Texas Instruments TPS61010 Datasheet HTML 7Page - Texas Instruments TPS61010 Datasheet HTML 8Page - Texas Instruments TPS61010 Datasheet HTML 9Page - Texas Instruments TPS61010 Datasheet HTML 10Page - Texas Instruments TPS61010 Datasheet HTML 11Page - Texas Instruments TPS61010 Datasheet HTML 12Page - Texas Instruments TPS61010 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
TPS61010, TPS61011
TPS61012, TPS61013
TPS61014, TPS61015, TPS61016
SLVS314C – SEPTEMBER 2000 – REVISED OCTOBER 2003
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Input voltage for VO = 2.5 V, 3.3 V
3
Maximum output current
vs Input voltage for VO = 1.5 V, 1.8 V
4
vs Output current for VI = 1.2 VVO = 1.5 V, L1 = Sumida CDR74, 10 µH
5
vs Output current for VI = 1.2 VVO = 2.5 V, L1 = Sumida CDR74, 10 µH
6
vs Output current for VIN = 1.2 VVO = 3.3 V, L1 = Sumida CDR74, 10 µH
7
vs Output current for VI = 2.4 VVO = 3.3 V, L1 = Sumida CDR74, 10 µH
8
vs Input voltage for IO = 10 mA, IO = 100 mA, IOUT = 200 mAVO = 3.3 V, L1
9
= Sumida CDR74, 10 µH
TPS61016, VBAT = 1.2 V, IO = 100 mA
Sumida CDRH6D38 - 10 µH
Sumida CDRH5D18 - 10 µH
Sumida CDRH74 - 10 µH
Sumida CDRH74B - 10 µH
Efficiency
Coilcraft DS 1608C - 10 µH
Coilcraft DO 1608C - 10 µH
Coilcraft DO 3308P - 10 µH
10
Coilcraft DS 3316 - 10 µH
Coiltronics UP1B - 10 µH
Coiltronics UP2B - 10 µH
Murata LQS66C - 10 µH
Murata LQN6C - 10 µH
TDK SLF 7045 - 10 µH
TDK SLF 7032 - 10 µH
vs Output current TPS61011
11
Output voltage
vs Output current TPS61013
12
vs Output current TPS61016
13
Minimum supply start-up voltage
vs Load resistance
14
No-load supply current
vs Input voltage
15
Shutdown supply current
vs Input voltage
16
Switch current limit
vs Output voltage
17
Output voltage (ripple) in continuous modeInductor current
18
Output voltage (ripple) in discontinuous modeInductor current
19
Load transient response for output current step of 50 mA to 100 mA
20
Waveforms
Line transient response for supply voltage step from 1.08 V to 1.32 V at
21
IO = 100 mA
Converter start-up time after enable
22
9


Similar Part No. - TPS61010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010DGS TI1-TPS61010DGS Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010DGSG4 TI1-TPS61010DGSG4 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010DGSR TI1-TPS61010DGSR Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010DGSRG4 TI1-TPS61010DGSRG4 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
More results

Similar Description - TPS61010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61010 TI1-TPS61010_13 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-EFFICIENCY, 1-CELL AND 2-CELL BOOST CONVERTERS
TPS61010 TI-TPS61010_15 Datasheet
989Kb / 36P
[Old version datasheet]   TPS6101x High-Efficiency, 1-Cell and 2-Cell Boost Converters
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
logo
Maxim Integrated Produc...
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
logo
Linear Technology
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
LTC3625-1 LINER-LTC3625-1_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
LTC3625 LINER-LTC3625_15 Datasheet
272Kb / 16P
   1A High Efficiency 2-Cell Supercapacitor Charger with Automatic Cell Balancing
logo
Maxim Integrated Produc...
MAX17058 MAXIM-MAX17058_13 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 4; 6/13
MAX17058 MAXIM-MAX17058 Datasheet
2Mb / 16P
   1-Cell/2-Cell Li ModelGauge ICs
Rev 1; 4/12
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
   Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com