Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM330-N Datasheet(PDF) 5 Page - Texas Instruments

Part # LM330-N
Description  3-Terminal Positive Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM330-N Datasheet(HTML) 5 Page - Texas Instruments

  LM330-N_14 Datasheet HTML 1Page - Texas Instruments LM330-N_14 Datasheet HTML 2Page - Texas Instruments LM330-N_14 Datasheet HTML 3Page - Texas Instruments LM330-N_14 Datasheet HTML 4Page - Texas Instruments LM330-N_14 Datasheet HTML 5Page - Texas Instruments LM330-N_14 Datasheet HTML 6Page - Texas Instruments LM330-N_14 Datasheet HTML 7Page - Texas Instruments LM330-N_14 Datasheet HTML 8Page - Texas Instruments LM330-N_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LM330-N
www.ti.com
SNOSC19D – MAY 1998 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Output Impedance
Overvoltage Supply Current
Figure 14.
Figure 15.
Reverse Supply Current
Output at Reverse Supply
Figure 16.
Figure 17.
Output Voltage (Normalized
Output at Overvoltage
to 5V at Tj = 25°C)
Figure 18.
Figure 19.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM330-N


Similar Part No. - LM330-N_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM330-N TI1-LM330-N Datasheet
708Kb / 9P
[Old version datasheet]   LM330 3-Terminal Positive Regulator
More results

Similar Description - LM330-N_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
logo
Hi-Sincerity Mocroelect...
H7805AI HSMC-H7805AI Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AA HSMC-H7808AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7809AA HSMC-H7809AA Datasheet
38Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7806AJ HSMC-H7806AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7808AJ HSMC-H7808AJ Datasheet
33Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
H7815AE HSMC-H7815AE Datasheet
35Kb / 3P
   3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com