Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VP0300L Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VP0300L
Description  P-Channel 30-V (D-S) MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VP0300L Datasheet(HTML) 2 Page - Vishay Siliconix

  VP0300L Datasheet HTML 1Page - Vishay Siliconix VP0300L Datasheet HTML 2Page - Vishay Siliconix VP0300L Datasheet HTML 3Page - Vishay Siliconix VP0300L Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VP0300L/LS, VQ2001J/P
Vishay Siliconix
www.vishay.com
11-2
Document Number: 70217
S-04279—Rev. E, 16-Jul-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
VP0300L/LS
VQ2001J/P
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = –10 mA
–55
–30
–30
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = –1 mA
–3.1
–2
–4.5
–2
–4.5
V
VDS = 0 V, VGS = "16 V
"100
Gate-Body Leakage
IGSS
TJ = 125_C
"500
nA
VDS = 0 V, VGS = "20 V
"100
VDS = –24 V, VGS = 0 V
–10
Zero Gate Voltage Drain Current
IDSS
TJ = 125_C
–500
–500
mA
VDS = –30 V, VGS = 0 V
–10
On-State Drain Currentb
ID(on)
VDS = –10 V, VGS = –12 V
–2.8
–1.5
–1.5
A
b
VGS = –12 V, ID = –1 A
1.5
2.5
2
W
Drain-Source On-Resistanceb
rDS(on)
TJ = 125_C
2.6
3.6
3.6
W
Forward Transconductanceb
gfs
VDS = –10 V, ID = –0.5 A
370
200
200
Common Source Output Conductanceb
gos
VDS = –7.5 V, ID = –0.05 A
0.25
mS
Dynamic
Input Capacitance
Ciss
60
150
150
Output Capacitance
Coss
VDS = –15 V, VGS = 0 V
f = 1 MHz
40
100
100
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
10
60
60
Switchingc
Turn-On Time
tON
VDD = –25 V, RL = 23 W
^
19
30
Turn-Off Time
tOFF
ID ^ –1 A, VGEN = –10 V
RG = 25 W
17
30
Turn-On Time
tON
VDD =–15 V, RL = 23 W
^
19
30
ns
Turn-Off Time
tOFF
ID ^ –0.6 A, VGEN = –10 V
RG = 25 W
16
30
Notes
a.
For DESIGN AID ONLY, not subject to production testing.
VPEA03
b.
Pulse test: PW
v300 ms duty cycle v2%.
c.
Switching time is essentially independent of operating temperature.


Similar Part No. - VP0300L

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0300L SUTEX-VP0300L Datasheet
43Kb / 2P
   P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Vishay Siliconix
VP0300L VISHAY-VP0300L Datasheet
250Kb / 4P
   P-Channel Enhancement-Mode MOSFET Transistors
Rev.C, 21-Jun-99
VP0300L VISHAY-VP0300L Datasheet
56Kb / 5P
   P-Channel 30-V (D-S) MOSFETs
18-Jul-08
VP0300LS VISHAY-VP0300LS Datasheet
250Kb / 4P
   P-Channel Enhancement-Mode MOSFET Transistors
Rev.C, 21-Jun-99
VP0300LS VISHAY-VP0300LS Datasheet
56Kb / 5P
   P-Channel 30-V (D-S) MOSFETs
18-Jul-08
More results

Similar Description - VP0300L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VP0300L VISHAY-VP0300L_V01 Datasheet
56Kb / 5P
   P-Channel 30-V (D-S) MOSFETs
18-Jul-08
SI4955DY VISHAY-SI4955DY_05 Datasheet
126Kb / 9P
   Asymmetrical Dual P-Channel 30-V/20-V (D-S) MOSFETs
Rev. C, 12-Jun-06
SI4955DY VISHAY-SI4955DY Datasheet
92Kb / 8P
   Assymetrical Dual P-Channel 30-V/20-V (D-S) MOSFETs
Rev. B, 24-Nov-03
VQ3001J VISHAY-VQ3001J_V01 Datasheet
63Kb / 7P
   Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
18-Jul-08
VQ3001J VISHAY-VQ3001J Datasheet
50Kb / 6P
   Dual N-/Dual P-Channel 30-V (D-S) MOSFETs
Rev. D, 16-Jul-01
SIZ730DT VISHAY-SIZ730DT_12 Datasheet
211Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ704DT VISHAY-SIZ704DT_V01 Datasheet
201Kb / 14P
   N-Channel 30-V (D-S) MOSFETs
01-Jan-2022
SIZ702DT VISHAY-SIZ702DT Datasheet
159Kb / 12P
   N-Channel 30-V (D-S) MOSFETs
Rev. A, 02-Nov-09
SIZ702DT VISHAY-SIZ702DT_V01 Datasheet
195Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ730DT VISHAY-SIZ730DT Datasheet
209Kb / 14P
   N-Channel 30 V (D-S) MOSFETs
Rev. A, 04-Apr-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com