Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LVTH16244A-SP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN54LVTH16244A-SP
Description  3.3-V ABT 16-Bit Buffers/Drivers With 3-State Outputs
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54LVTH16244A-SP Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54LVTH16244A-SP Datasheet HTML 3Page - Texas Instruments SN54LVTH16244A-SP Datasheet HTML 4Page - Texas Instruments SN54LVTH16244A-SP Datasheet HTML 5Page - Texas Instruments SN54LVTH16244A-SP Datasheet HTML 6Page - Texas Instruments SN54LVTH16244A-SP Datasheet HTML 7Page - Texas Instruments SN54LVTH16244A-SP Datasheet HTML 8Page - Texas Instruments SN54LVTH16244A-SP Datasheet HTML 9Page - Texas Instruments SN54LVTH16244A-SP Datasheet HTML 10Page - Texas Instruments SN54LVTH16244A-SP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
SN54LVTH16244A, SN74LVTH16244A
www.ti.com
SCBS142U – MAY 1992 – REVISED OCTOBER 2013
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
(1)
Recommended
–40°C to 85°C
SN54LVTH16244A
–40°C to 125C
SN74LVTH16244A
SN74LVTH16244A
FROM
TO
PARAMETER
UNIT
(INPUT)
(OUTPUT)
VCC = 3.3 V
VCC = 3.3 V
VCC = 3.3 V
VCC = 2.7 V
VCC = 2.7 V
VCC = 2.7 V
± 0.3 V
± 0.3 V
± 0.3 V
MIN
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
MIN
TYP
MAX
MIN
MAX
tPLH
1.1
4.4
4.6
1.2
2.3
3.2
3.7
1.2
2.3
4.4
4.6
A
Y
ns
tPHL
1.1
3.6
3.9
1.2
2
3.2
3.7
1.2
2
3.6
3.9
tPZH
1.1
4.6
5.4
1.2
2.6
4
5
1.2
2.6
4.6
5.4
OE
Y
ns
tPZL
1.1
5.4
6.2
1.2
2.7
4
5
1.2
2.7
5.4
6.2
tPHZ
1.6
5.7
6.2
2.2
3.3
4.5
5
2.2
3.3
5.7
6.2
OE
Y
ns
tPLZ
1.2
5
4.7
2
3.1
4.2
4.4
2
3.1
5
4.7
tsk(LH)
0.5
0.5
ns
tsk(HL)
0.5
0.5
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
Copyright © 1992–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN54LVTH16244A SN74LVTH16244A


Similar Part No. - SN54LVTH16244A-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
486Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
659Kb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244AWD TI-SN54LVTH16244AWD Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A_09 Datasheet
659Kb / 21P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN54LVTH16244A-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT16244B TI-SN54LVT16244B_08 Datasheet
637Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162240 TI-SN54LVTH162240_06 Datasheet
137Kb / 12P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH16240 TI-SN74LVTH16240_07 Datasheet
224Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT16244B TI-SN54LVT16244B Datasheet
120Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16244A TI-SN54LVTH16244A Datasheet
110Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI1-SN54LVTH162241_08 Datasheet
322Kb / 14P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162541 TI-SN54LVTH162541 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH16241 TI-SN54LVTH16241 Datasheet
125Kb / 9P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A Datasheet
468Kb / 15P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVT162244A TI-SN54LVT162244A_08 Datasheet
624Kb / 19P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH162241 TI-SN54LVTH162241 Datasheet
114Kb / 8P
[Old version datasheet]   3.3-V ABT 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com