Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD03-48S5H Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ASD03-48S5H
Description  Isolated and Regulated 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD03-48S5H Datasheet(HTML) 2 Page - Astrodyne Corporation

  ASD03-48S5H Datasheet HTML 1Page - Astrodyne Corporation ASD03-48S5H Datasheet HTML 2Page - Astrodyne Corporation ASD03-48S5H Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD03 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Ranges:
12 VDC Nominal
9-18 VDC
24 VDC Nominal
18-36 VDC
48 VDC Nominal
36-72 VDC
Input Filter
PI Type
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Chart
Load Regulation
Single (10% to FL)
+/- 0.5%
Dual (25% to FL)
+/-1%
Line Regulation
(HL-LL)
+/- 0.5%
Temperature Coefficient
+/-0.05%/°C
Ripple/Noise(Single/Dual)
3.3V/5V
100mVp-p max.
12V/15V
1% p-p max.
Voltage Accuracy
+/- 2%
Short Circuit Protection
Continuous
Voltage Balance (Dual)
+/-1%
Efficiency
See Selection Chart
GENERAL SPECIFICATIONS
Input-Output Isolation
500VDC (“M” Versions)
1500VDC (“H” Versions)
Isolation Resistance
10-9nth Ohm min.
Switching Frequency
100Khz
Conducted EMI
Meets EN55022 Class B
Safety
UL, cUL - “H” Versions Only
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
-25 to +71°C
Case Temperature
100°C max.
Storage Temperature
-40 to +100°C *
Cooling
Free Air Convection
MTBF Single O/P
1,203,000 Hrs.
Dual O/P
1,145,000 Hrs.
MIL-HDBK-217F
Ground Benign, 25°C
PHYSICAL SPECIFICATIONS
Case Material
Black coated Copper
w. Non-conductive base
Construction
Fully Encapsulated
Weight
0.5 oz, (13g)
Dimensions
1.25” x 0.8” x 0.5”
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25DegC unless
otherwise noted


Similar Part No. - ASD03-48S5H

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD03-48S5 ASTRODYNE-ASD03-48S5 Datasheet
737Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

Similar Description - ASD03-48S5H

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03 Datasheet
224Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 ASTRODYNE-SB03 Datasheet
175Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
VKC03 ETC2-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD03 ASTRODYNE-ASD03 Datasheet
737Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
PMKC03 ASTRODYNE-PMKC03 Datasheet
155Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 ASTRODYNE-SB03_16 Datasheet
168Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com