Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD08 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASD08
Description  Isolated and Regulated 7.5 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD08 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASD08_16 Datasheet HTML 1Page - Astrodyne Corporation ASD08_16 Datasheet HTML 2Page - Astrodyne Corporation ASD08_16 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD08 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
MECHANICAL DIMENSIONS
NOTE: Pin Size is 0.02” Inch (0.5mm) DIA
All Dimensions In Inches (mm)
Tolerance .xx = +/-0.02, .xxx = +/- 0.010
Pin #
Single Outputs
Dual Outputs
1
No Pin
No Pin
2
- Input
- Input
3
- Input
- Input
5
No Pin
No Pin
9
NC
Common
10
NC
NC
11
NC
- Output
12
No Pin
No Pin
13
No Pin
No Pin
14
+ Output
+ Output
15
NC
NC
16
- Output
Common
22
+ Input
+ Input
23
+ Input
+ Input
24
No Pin
No Pin
0315


Similar Part No. - ASD08_16

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD08-12D12 ASTRODYNE-ASD08-12D12 Datasheet
719Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD08-12D15 ASTRODYNE-ASD08-12D15 Datasheet
719Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD08-12D5 ASTRODYNE-ASD08-12D5 Datasheet
719Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD08-12S12 ASTRODYNE-ASD08-12S12 Datasheet
719Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD08-12S15 ASTRODYNE-ASD08-12S15 Datasheet
719Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
More results

Similar Description - ASD08_16

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD705 ASTRODYNE-ASD705 Datasheet
368Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD705 ASTRODYNE-ASD705_16 Datasheet
288Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD08 ASTRODYNE-ASD08 Datasheet
719Kb / 3P
   Isolated and Regulated 7.5 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
DR1P5 ASTRODYNE-DR1P5 Datasheet
278Kb / 3P
   Isolated and Regulated 1.5 WATT Modular DC/DC Converters
FKC05 ASTRODYNE-FKC05 Datasheet
225Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD05 ASTRODYNE-ASD05_16 Datasheet
356Kb / 3P
   Isolated and Regulated 5 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
FEC40 ASTRODYNE-FEC40_16 Datasheet
499Kb / 4P
   Isolated and Regulated 40 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com