Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAMN30512D Datasheet(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

Part # KAMN30512D
Description  AC - DC POWER MODULE 20 ~ 30W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
Direct Link  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

KAMN30512D Datasheet(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  KAMN30512D Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. KAMN30512D Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. KAMN30512D Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. KAMN30512D Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - KAMN30512D

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
KAMN30512D CHINFA-KAMN30512D Datasheet
302Kb / 4P
   AC - DC POWER MODULE 20 ~ 30W UL / cUL / TUV / CE
More results

Similar Description - KAMN30512D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AA30S0500A DELTA-AA30S0500A Datasheet
348Kb / 7P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S DELTA-AA30S Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
AA30S-D-T DELTA-AA30S-D-T Datasheet
372Kb / 6P
   30W Single, Dual, and Triple Output AC-DC Power Module
logo
Chinfa Electronics Ind....
FDD25-03S1 CHINFA-FDD25-03S1 Datasheet
327Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_14 Datasheet
203Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30_16 Datasheet
376Kb / 5P
   AC/DC Power Module 30W
logo
Chinfa Electronics Ind....
KAM10 CHINFA-KAM10_14 Datasheet
217Kb / 4P
   AC - DC POWER MODULE 10W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com