Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD10H-48S12 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # ASD10H-48S12
Description  Isolated and Regulated 10 WATT Open Frame DC/DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ASD10H-48S12 Datasheet(HTML) 3 Page - Astrodyne Corporation

  ASD10H-48S12 Datasheet HTML 1Page - Astrodyne Corporation ASD10H-48S12 Datasheet HTML 2Page - Astrodyne Corporation ASD10H-48S12 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 10 WATT Open Frame DC/DC Converter
ASD10H series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
MECHANICAL DIMENSIONS
OUTPUT DERATING CURVE
120
100
80
60
40
20
0
0
10
20
30
40
50
60
70
80
90
Ambient Temp °C
2.54mm
.10in
15.24mm
.60in
10.16mm
.40in
15.24mm
.60in
35.56mm
1.40in
2.54mm
.10in
12.7mm
.50in
22.86mm
.90in
10.52mm max
.41in
6.0mm min
.24in
25.4mm
1.00in
50.8mm
2.00in
4
1
2
6
3
5
Pin#
Single Outputs Dual Outputs
1
2
3
4
5
6
+ Input
- Input
+ Output
N / A
- Output
Control
+ Input
- Input
+ Output
Common
- Output
Control
TOLERANCES : .XX
0.5mm(0.02in)
: .XXX
0.25mm(0.01in)
ASD10H_B
B
the Noumenon Change height from 9.52 to 10.52mm
2012/10/29
1 : 1
Erica
ASD10H
2D outline drawings
REV
DRAWING NO.
DESCRIPTION
DATE
SHEET METAL TOLERANCE
(UNLESS OTHERWISE SPECIFIED)
PIERCING BENDING
ANGULAR
300<X<800
25<X<100
8<X<25
±0.1
±0.1
±0.15
±0.2
±0.3
±0.25
±0.2
±0.15
±1°
APPROVED
CHECKED
DRAWN
Projection
SCALE
UNIT
MODEL NO.
PART NO.
MATERIAL
TITLE
mm
100<X<300
±0.5°
±0.3
±0.5
±1.5°
±0.5°
±0.3°
X<8
DIMENSION
SHEET
OF
SIZE
A4
2915


Similar Part No. - ASD10H-48S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD10H-48S12 ETC2-ASD10H-48S12 Datasheet
781Kb / 3P
   Isolated and Regulated 10 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD10H-48S12 ASTRODYNE-ASD10H-48S12 Datasheet
781Kb / 3P
   Isolated and Regulated 10 WATT Open Frame DC/DC Converter
More results

Similar Description - ASD10H-48S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASD10H ETC2-ASD10H Datasheet
781Kb / 3P
   Isolated and Regulated 10 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD10H ASTRODYNE-ASD10H Datasheet
781Kb / 3P
   Isolated and Regulated 10 WATT Open Frame DC/DC Converter
ASD07H ASTRODYNE-ASD07H Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
ASD05H ASTRODYNE-ASD05H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD15H-12S3 ETC1-ASD15H-12S3 Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H_16 Datasheet
300Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD07H-12S3 ETC1-ASD07H-12S3 Datasheet
781Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD15H ASTRODYNE-ASD15H Datasheet
531Kb / 3P
   Isolated and Regulated 15 WATT Open Frame DC/DC Converter
logo
List of Unclassifed Man...
ASD05H ETC2-ASD05H Datasheet
781Kb / 3P
   Isolated and Regulated 5 WATT Open Frame DC/DC Converter
logo
Astrodyne Corporation
ASD07H ASTRODYNE-ASD07H_16 Datasheet
348Kb / 3P
   Isolated and Regulated 7 WATT Open Frame DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com