Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP1601-03C Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # AMP1601-03C
Description  15W 3rd Edition Medical Grade Desktop Switching Power Adapters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AMP1601-03C Datasheet(HTML) 1 Page - Astrodyne Corporation

  AMP1601-03C Datasheet HTML 1Page - Astrodyne Corporation AMP1601-03C Datasheet HTML 2Page - Astrodyne Corporation AMP1601-03C Datasheet HTML 3Page - Astrodyne Corporation AMP1601-03C Datasheet HTML 4Page - Astrodyne Corporation AMP1601-03C Datasheet HTML 5Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP1601 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Universal 90-264VAC Input
3 Input Connection Options
Single Outputs from 5 to 36VDC
4000V Isolation
LPS Efficiency Level V
ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd Edition)
EN 60601-1:2006 (TUV/T-mark 3rd Edition)
Model Number
Output Watts
Output Voltage
Output Amps Total Regulation (See Notes)
*AMP1601-02(A, B or C) 13
5V
2.6A
5%
*AMP1601-03(A, B or C) 13
7V
1.85A
5%
*AMP1601-04(A, B or C) 15
9V
1.66A
5%
*AMP1601-05(A, B or C) 15
12V
1.25A
5%
*AMP1601-06(A, B or C) 15
15V
0.93A
5%
*AMP1601-07(A, B or C) 15
18V
0.83A
5%
*AMP1601-08(A, B or C) 15
24V
0.62A
3%
*AMP1601-09(A, B or C) 15
30V
0.5A
3%
*AMP1601-10(A, B or C) 15
36V
0.41A
3%
Notes:
*Denotes a choice of AC input connectors (A, B or C option). Please see Mechanical Dimensions. If not denoted, option “A” IEC-320-C14 input
connector is used.
Low cost 3 Wire IEC320/C13 (Part Number ACCRD-C13), IEC320/C5 (Part Number ACCRD-C5) and 2 Wire IEC320/C7 (Part Number ACCRD-
C7) Input Power Cords are available for these products. Inquire to the Astrodyne Sales Depart.
On AMP1601-02, 03 and 04 a 16AWG/4FT output cable is required to meet published Regulation and Efficiency specifications as well as LPS
Efficiency levels. 18AWG/4FT is required for all other models. Modifying these cables will potentially change and/or waive said specifications
and Efficiency levels.
Option “A”
Option “B”
4.11” x 1.65” x 1.22”
Option “C”


Similar Part No. - AMP1601-03C

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AMP1009 NAIS-AMP1009 Datasheet
575Kb / 2P
   MOTION-DETECTING SENSOR
logo
Astrodyne Corporation
AMP101 ASTRODYNE-AMP101 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-02 ASTRODYNE-AMP1011-02 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-03 ASTRODYNE-AMP1011-03 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1011-04 ASTRODYNE-AMP1011-04 Datasheet
485Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - AMP1601-03C

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP310 ASTRODYNE-AMP310 Datasheet
493Kb / 4P
   30W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP510 ASTRODYNE-AMP510 Datasheet
4Mb / 4P
   50W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP6401 ASTRODYNE-AMP6401 Datasheet
288Kb / 3P
   63W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
logo
Tumbler Technologies + ...
TSM15 TRUMPOWER-TSM15 Datasheet
214Kb / 2P
   Medical Grade 15W Desktop Power Adapters
logo
Astrodyne Corporation
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com