Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP3103-06 Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # AMP3103-06
Description  30W 3rd Edition Medical Grade Desktop Switching Power Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

AMP3103-06 Datasheet(HTML) 3 Page - Astrodyne Corporation

  AMP3103-06 Datasheet HTML 1Page - Astrodyne Corporation AMP3103-06 Datasheet HTML 2Page - Astrodyne Corporation AMP3103-06 Datasheet HTML 3Page - Astrodyne Corporation AMP3103-06 Datasheet HTML 4Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
30W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP310 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
INPUT SPECIFICATIONS
Input Voltage Range
90-264 VAC
Frequency Range
47-63 Hz
Leakage Current
0.1mA typ. @ 240VAC
Input Current Lowline
0.9A
Input Current Highline
0.34A
Inrush Current Lowline
15A max.
Inrush Current Highline
38A max.
No-Load Power Consumption
0.5 Watts Max.
OUTPUT SPECIFICATIONS
Voltage and Current
See Selection Charts
Minimum Load Required
0-FL Single Outputs
10% Multi-Outputs
Load Regulation*
See Selection Charts
Line Regulation
± 0.5%, typ (1% Max.)
Ripple/Noise
0.5% Pk-Pk, typ (1% Max.)
Hold Up Time
12mS min. at 110VAC Input
Start Up Time
1.5S typ. (2S max.)
Over Voltage Protection
112-132%
Over Current Protection
110-150%
Transient Response (FL-1/2L)
4mS @ 100VAC Input
Temperature Coefficient
±0.04%/°C, typ.
GENERAL SPECIFICATIONS
Isolation
I/P-O/P: 4000VAC
I/P-GND: 2000VAC
Isolation Resistance
50MΩ
Efficiency*
83% typ.
Safety
ANSI/AAMI ES 60601-1: 2005 (UL/cUL 3rd Edition)
EN 60601-1:2006 (TUV/T-mark 3rd Edition)
PHYSICAL SPECIFICATIONS
Size
4.65”L x 2.56”W x 1.58”H
Construction
Desktop Style
Weight
16.22oz (460g)
ENVIRONMENTAL SPECIFICATIONS
Oper. Temperature
0 to +70°C
See Derate Curve
Storage Temperature
-40 to +85°C *
Relative Humidity
0 to + 95%, non-cond *
EMI
220VAC in: CISPR-11B
110VAC in: FCC18B
Efficiency Level*
V
MTBF (MIL-HDBK-217F, 25°C) 100,000 Hours
OUTPUT DERATING CURVE
* These are stress ratings. Exposure of the devices to any of these conditions
may adversely affect long term reliability. Proper operation under conditions
other than the standard operating conditions is neither warranteed nor implied.
All specifications are typical at nominal input, full load, and 25°C unless other-
wise noted


Similar Part No. - AMP3103-06

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-01 ASTRODYNE-AMP3001-01 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-02 ASTRODYNE-AMP3001-02 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-03 ASTRODYNE-AMP3001-03 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
AMP3001-04 ASTRODYNE-AMP3001-04 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
More results

Similar Description - AMP3103-06

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
AMP1601 ASTRODYNE-AMP1601 Datasheet
601Kb / 5P
   15W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP510 ASTRODYNE-AMP510 Datasheet
4Mb / 4P
   50W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP6401 ASTRODYNE-AMP6401 Datasheet
288Kb / 3P
   63W 3rd Edition Medical Grade Desktop Switching Power Adapters
AMP300 ASTRODYNE-AMP300 Datasheet
253Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU30 ASTRODYNE-MPU30 Datasheet
386Kb / 4P
   30W Medical Grade Desktop Switching Power Adapters
MPU50 ASTRODYNE-MPU50 Datasheet
462Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP500 ASTRODYNE-AMP500 Datasheet
218Kb / 4P
   50W Medical Grade Desktop Switching Power Adapters
AMP6301 ASTRODYNE-AMP6301 Datasheet
226Kb / 3P
   63W Medical Grade Desktop Switching Power Adapters
MPU100 ASTRODYNE-MPU100 Datasheet
727Kb / 4P
   100W Medical Grade Desktop Switching Power Adapters
AMP1501 ASTRODYNE-AMP1501 Datasheet
272Kb / 4P
   15W Medical Grade Desktop Switching Power Adapters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com