Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC172DWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LBC172DWG4
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC172DWG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC172DWG4 Datasheet HTML 1Page - Texas Instruments SN65LBC172DWG4 Datasheet HTML 2Page - Texas Instruments SN65LBC172DWG4 Datasheet HTML 3Page - Texas Instruments SN65LBC172DWG4 Datasheet HTML 4Page - Texas Instruments SN65LBC172DWG4 Datasheet HTML 5Page - Texas Instruments SN65LBC172DWG4 Datasheet HTML 6Page - Texas Instruments SN65LBC172DWG4 Datasheet HTML 7Page - Texas Instruments SN65LBC172DWG4 Datasheet HTML 8Page - Texas Instruments SN65LBC172DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SN65LBC172, SN75LBC172
QUADRUPLE LOW POWER DIFFERENTIAL LINE DRIVER
SLLS163E − JULY 1993 − REVISED APRIL 2006
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds EIA Standard RS-485
D Designed for High-Speed Multipoint
Transmission on Long Bus Lines in Noisy
Environments
D Support Data Rates up to and Exceeding
Ten Million Transfers Per Second
D Common-Mode Output Voltage Range of
−7 V to 12 V
D Positive- and Negative-Current Limiting
D Low Power Consumption... 1.5 mA Max
(Output Disabled)
D Functionally Interchangeable With SN75172
description
The
SN65LBC172
and
SN75LBC172
are
monolithic quadruple differential line drivers with
3-state outputs. Both devices are designed to
meet the requirements of EIA Standard RS-485.
These devices are optimized for balanced
multipoint bus transmission at data rates up to and
exceeding 10 million bits per second. Each driver
features wide positive and negative common-
mode output voltage ranges, current limiting, and
thermal-shutdown circuitry making it suitable for
party-line applications in noisy environments.
Both devices are designed using LinBiCMOS
,
facilitating ultra-low power consumption and
inherent robustness.
Both the SN65LBC172 and SN75LBC172 provide
positive-
and
negative-current
limiting
and
thermal shutdown for protection from line fault
conditions on the transmission bus line. These
devices
offer
optimum
performance
when
used with the SN75LBC173 or SN75LBC175
quadruple line receivers. The SN65LBC172 and
SN75LBC172 are available in the 16-pin DIP
package (N) and the 20-pin wide-body small-
outline inline-circuit (SOIC) package (DW).
The SN75LBC172 is characterized for operation
over the commercial temperature range of 0
°C to
70
°C. The SN65LBC172 is characterized over the
industrial temperature range of − 40
°C to 85°C.
LinBiCMOS is a trademark of Texas Instruments Incorporated.
Copyright
 2001−2006, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
1Z
G
2Z
2Y
2A
GND
VCC
4A
4Y
4Z
G
3Z
3Y
3A
N PACKAGE
(TOP VIEW)
NC − No internal connection
FUNCTION TABLE
(each driver)
INPUT
ENABLES
OUTPUTS
AG
G
YZ
H
L
H
L
X
H = high level,
L = low level,
X = irrelevant,
Z = high impedance (off)
H
H
X
X
L
X
X
L
L
H
HL
LH
HL
LH
ZZ
1A
1Y
NC
1Z
G
2Z
NC
2Y
2A
GND
VCC
4A
4Y
NC
4Z
G
3Z
NC
3Y
3A
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DW PACKAGE
(TOP VIEW)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN65LBC172DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC172DW TI-SN65LBC172DW Datasheet
157Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65LBC172DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI-SN65LBC172 Datasheet
157Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com