Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC172NE4 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN65LBC172NE4
Description  QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC172NE4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN65LBC172NE4 Datasheet HTML 4Page - Texas Instruments SN65LBC172NE4 Datasheet HTML 5Page - Texas Instruments SN65LBC172NE4 Datasheet HTML 6Page - Texas Instruments SN65LBC172NE4 Datasheet HTML 7Page - Texas Instruments SN65LBC172NE4 Datasheet HTML 8Page - Texas Instruments SN65LBC172NE4 Datasheet HTML 9Page - Texas Instruments SN65LBC172NE4 Datasheet HTML 10Page - Texas Instruments SN65LBC172NE4 Datasheet HTML 11Page - Texas Instruments SN65LBC172NE4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SN65LBC172, SN75LBC172
QUADRUPLE LOW POWER DIFFERENTIAL LINE DRIVER
SLLS163E − JULY 1993 − REVISED APRIL 2006
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
IO − Output Current − mA
DIFFERENTIAL OUTPUT VOLTAGE
vs
OUTPUT CURRENT
3
2.5
2
1.5
1
0.5
90
80
70
60
50
40
30
20
10
0
0
100
VCC = 5 V
TA = 25°C
Figure 11
TA − Free-Air Temperature − °C
PROPAGATION DELAY TIME,
DIFFERENTIAL OUTPUT
vs
FREE-AIR TEMPERATURE
11
10
9
8
7
6
5
100
80
60
40
20
0
−20
−40
4
12
−60
13
14
RL = 54 Ω
CL = 50 pF
VCC = 5 V
THERMAL CHARACTERISTICS − DW PACKAGE
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Junction−to−ambient thermal reisistance,
θJA†
Low-K board, no air flow
96
Junction−to−ambient thermal reisistance,
θJA†
High-K board, no air flow
62.9
°C/W
Junction−to−board thermal reisistance,
θJB
High-K board, no air flow
39.6
°C/W
Junction−to−case thermal reisistance,
θJC
29.1
Average power dissipation, P(AVG)
All four channels maximum loading,
maximum signaling rate, RL = 54 Ω, input to
D is 10 Mbps 50% duty cycle square wave,
VCC = 5.25 V, TJ = 130 °C.
1100
mW
Ambient free−air temperature, TA
JEDEC high-K board model
−40
85
Ambient free−air temperature, TA
JEDEC high-K board model
−40
64
°C
Thermal shutdown junction temperature, TSD
165
C
† See TI application note literature number SZZA003, Package Thermal Characterization Methodologies, for an explanation of this parameter.


Similar Part No. - SN65LBC172NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC172N TI-SN65LBC172N Datasheet
157Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
More results

Similar Description - SN65LBC172NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LBC172 TI-SN55LBC172_07 Datasheet
392Kb / 17P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC172 TI-SN55LBC172 Datasheet
177Kb / 12P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN65LBC172 TI-SN65LBC172 Datasheet
157Kb / 11P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI1-SN55LBC174_14 Datasheet
305Kb / 14P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN55LBC174 TI-SN55LBC174 Datasheet
138Kb / 9P
[Old version datasheet]   QUADRUPLE LOW-POWER DIFFERENTIAL LINE DRIVER
SN75174 TI-SN75174 Datasheet
139Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31 TI-AM26C31_10 Datasheet
620Kb / 21P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C31-EP TI1-AM26C31-EP Datasheet
178Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
SN75ALS172A TI-SN75ALS172A Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com