Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1021 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LV1021
Description  10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1021 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LV1021_08 Datasheet HTML 1Page - Texas Instruments SN65LV1021_08 Datasheet HTML 2Page - Texas Instruments SN65LV1021_08 Datasheet HTML 3Page - Texas Instruments SN65LV1021_08 Datasheet HTML 4Page - Texas Instruments SN65LV1021_08 Datasheet HTML 5Page - Texas Instruments SN65LV1021_08 Datasheet HTML 6Page - Texas Instruments SN65LV1021_08 Datasheet HTML 7Page - Texas Instruments SN65LV1021_08 Datasheet HTML 8Page - Texas Instruments SN65LV1021_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
SYNC1
SYNC2
DIN0
DIN1
DIN2
DIN3
DIN4
DIN5
DIN6
DIN7
DIN8
DIN9
TCLK_R/F
TCLK
DVCC
DVCC
AVCC
AGND
PWRDN
AGND
DO+
DO
AGND
DEN
AGND
AVCC
DGND
DGND
SN65LV1021
Serializer
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AGND
RCLK_R/F
REFCLK
AVCC
RI+
RI
PWRDN
REN
RCLK
LOCK
AVCC
AGND
AGND
DGND
ROUT0
ROUT1
ROUT2
ROUT3
ROUT4
DVCC
DGND
DVCC
DGND
ROUT5
ROUT6
ROUT7
ROUT8
ROUT9
SN65LV1212
Deserializer
SN65LV1021
SN65LV1212
SLLS526G – FEBRUARY 2002 – REVISED DECEMBER 2005
10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
100-Mbps to 400-Mbps Serial LVDS Data
The
SN65LV1021
serializer
and
SN65LV1212
Payload Bandwidth at 10-MHz to 40-MHz
deserializer
comprise
a
10-bit
serdes
chipset
System Clock
designed to transmit and receive serial data over
LVDS differential backplanes at equivalent parallel
Pin-Compatible Superset of NSM
word rates from 10 MHz to 40 MHz. Including
DS92LV1021/DS92LV1212
overhead, this translates into a serial data rate
Chipset (Serializer/Deserializer) Power
between 120-Mbps and 480-Mbps payload-encoded
Consumption <350 mW (Typ) at 40 MHz
throughput.
Synchronization Mode for Faster Lock
Upon power up, the chipset link can be initialized via
Lock Indicator
a synchronization mode with internally generated
SYNC patterns, or the deserializer can be allowed to
No External Components Required for PLL
synchronize
to
random
data.
By
using
the
Low-Cost 28-Pin SSOP Package
synchronization mode, the deserializer establishes
Industrial Temperature Qualified,
lock within specified, shorter time parameters.
TA = -40°C to 85°C
The device can be entered into a power-down state
Programmable Edge Trigger on Clock
when no data transfer is required. Alternatively, a
(Rising or Falling Edge)
mode is available to place the output pins in the
Flow-Through Pinout for Easy PCB Layout
high-impedance state without losing PLL lock.
The
SN65LV1021
and
SN65LV1212
are
characterized
for
operation
over
ambient
air
temperature of -40°C to 85°C.
ORDERING INFORMATION
DEVICE
PART NUMBER
Serializer
SN65LV1021DB
Deserializer
SN65LV1212DB
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LV1021_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1021DB TI-SN65LV1021DB Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1021_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com