Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LBC180ADG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC180ADG4
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC180ADG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN65LBC180ADG4 Datasheet HTML 1Page - Texas Instruments SN65LBC180ADG4 Datasheet HTML 2Page - Texas Instruments SN65LBC180ADG4 Datasheet HTML 3Page - Texas Instruments SN65LBC180ADG4 Datasheet HTML 4Page - Texas Instruments SN65LBC180ADG4 Datasheet HTML 5Page - Texas Instruments SN65LBC180ADG4 Datasheet HTML 6Page - Texas Instruments SN65LBC180ADG4 Datasheet HTML 7Page - Texas Instruments SN65LBC180ADG4 Datasheet HTML 8Page - Texas Instruments SN65LBC180ADG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
FEATURES
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
R
RE
DE
D
GND
GND
VCC
VCC
A
B
Z
Y
NC
SN65LBC180AD(MarkedasBL180A)
SN65LBC180AN(Markedas65LBC180A)
SN75LBC180AD(MarkedasLB180A)
SN75LBC180AN(Markedas75LBC180A)
(TOP VIEW)
NC −Nointernalconnection
Pins6and7areconnectedtogetherinternally
Pins13and14areconnectedtogetherinternally
DESCRIPTION
SN65LBC180A
SN75LBC180A
www.ti.com............................................................................................................................................................... SLLS378D – MAY 2000 – REVISED APRIL 2009
LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
2
• High-Speed Low-Power LinBICMOS™ Circuitry
Designed for Signaling Rates(1) of up to
30 Mbps
• Bus-Pin ESD Protection 15 kV HBM
• Low Disabled Supply-Current Requirements:
700
µA Maximum
• Designed for High-Speed Multipoint Data
Transmission Over Long Cables
• Common-Mode Voltage Range of –7 V to 12 V
• Low Supply Current: 15 mA Max
• Compatible With ANSI Standard TIA/EIA-485-A
and ISO 8482:1987(E)
• Positive and Negative Output Current Limiting
• Driver Thermal Shutdown Protection
(1)
Signaling rate by TIA/EIA-485-A definition restrict transition
times to 30% of the bit duration, and much higher signaling
rates may be achieved without this requirement as displayed
in the TYPICAL CHARACTERISTICS of this device.
The SN65LBC180A and SN75LBC180A differential driver and receiver pairs are monolithic integrated circuits
designed for bidirectional data communication over long cables that take on the characteristics of transmission
lines. They are balanced, or differential, voltage mode devices that are compatible with ANSI standard
TIA/EIA-485-A and ISO 8482:1987(E). The A version offers improved switching performance over its
predecessors without sacrificing significantly more power.
These devices combine a differential line driver and differential input line receiver and operate from a single 5-V
power supply. The driver differential outputs and the receiver differential inputs are connected to separate
terminals for full-duplex operation and are designed to present minimum loading to the bus when powered off
(VCC = 0). These parts feature wide positive and negative common-mode voltage ranges, making them suitable
for point-to-point or multipoint data bus applications. The devices also provide positive and negative current
limiting for protection from line fault conditions. The SN65LBC180A is characterized for operation from –40°C to
85°C, and the SN75LBC180A is characterized for operation from 0°C to 70°C.
FUNCTION TABLE(1)
DRIVER
RECEIVER
DIFFERENTIAL INPUTS
ENABLE
OUTPUT
OUTPUTS
INPUT
ENABLE
A – B
RE
R
D
DE
Y
Z
VID ≥ 0.2 V
L
H
H
H
H
L
-0.2 V < VID < 0.2 V
L
?
L
H
L
H
VID ≤ -0.2 V
L
L
X
L
Z
Z
X
H
Z
OPEN
H
H
L
Open circuit
L
H
(1)
H = high level, L = low level, ? = indeterminate, X = irrelevant, Z = high impedance (off)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LinBICMOS is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65LBC180ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180AD TI-SN65LBC180AD Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180ADR TI-SN65LBC180ADR Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180ADG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC179A TI-SN65LBC179A Datasheet
195Kb / 13P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI1-SN65LBC179ADG4 Datasheet
446Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179ADG4 TI-SN65LBC179ADG4 Datasheet
421Kb / 18P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC179 TI-SN75LBC179 Datasheet
168Kb / 12P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN75LBC180A TI-SN75LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC179DR TI-SN65LBC179DR Datasheet
488Kb / 19P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65ALS180 TI-SN65ALS180 Datasheet
362Kb / 17P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
SN75ALS180 TI-SN75ALS180_07 Datasheet
436Kb / 21P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIRS
logo
National Semiconductor ...
DS8922 NSC-DS8922_04 Datasheet
542Kb / 14P
   RS-422 Dual Differential Line Driver and Receiver Pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com