Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP404 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN65LVCP404
Description  Gigabit 4x4 CROSSPOINT SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVCP404 Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVCP404_15 Datasheet HTML 1Page - Texas Instruments SN65LVCP404_15 Datasheet HTML 2Page - Texas Instruments SN65LVCP404_15 Datasheet HTML 3Page - Texas Instruments SN65LVCP404_15 Datasheet HTML 4Page - Texas Instruments SN65LVCP404_15 Datasheet HTML 5Page - Texas Instruments SN65LVCP404_15 Datasheet HTML 6Page - Texas Instruments SN65LVCP404_15 Datasheet HTML 7Page - Texas Instruments SN65LVCP404_15 Datasheet HTML 8Page - Texas Instruments SN65LVCP404_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
Gain
Stage
+ EQ
RBBDC
VBB
Self−Biasing Network
LineEndTermination
VCC
VCC
ESD
IN+
IN−
RT(SE)
= 50 W
RT(SE)
= 50 W
VOCM
OUT−
OUT+
49.9 W
49.9 W
1 pF
SN65LVCP404
www.ti.com ................................................................................................................................................... SLLS700B – MARCH 2007 – REVISED JANUARY 2009
Figure 1. Equivalent Input Circuit Design
Figure 2. Common-Mode Output Voltage Test Circuit
Table 1. CROSSPOINT LOGIC TABLES
OUTPUT CHANNEL 1
OUTPUT CHANNEL 2
OUTPUT CHANNEL 3
OUTPUT CHANNEL 4
CONTROL
INPUT
CONTROL
INPUT
CONTROL
INPUT
CONTROL
INPUT
PINS
SELECTED
PINS
SELECTED
PINS
SELECTED
PINS
SELECTED
S10
S11
1Y/1Z
S20
S21
2Y/2Z
S30
S31
3Y/3Z
S40
S41
4Y/4Z
0
0
1A/1B
0
0
1A/1B
0
0
1A/1B
0
0
1A/1B
0
1
2A/2B
0
1
2A/2B
0
1
2A/2B
0
1
2A/2B
1
0
3A/3B
1
0
3A/3B
1
0
3A/3B
1
0
3A/3B
1
1
4A/4B
1
1
4A/4B
1
1
4A/4B
1
1
4A/4B
AVAILABLE OPTIONS
PACKAGED DEVICE(1)
TA
DESCRIPTION
RGZ (48 pin)
-40°C to 85°C
Serial multiplexer
SN65LVCP404
(1)
The package is available taped and reeled. Add an R suffix to device types (e.g., SN65LVCP404RGZR).
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65LVCP404


Similar Part No. - SN65LVCP404_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP404_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP404 TI1-SN65LVCP404_14 Datasheet
1Mb / 23P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVCP404 TI-SN65LVCP404 Datasheet
1Mb / 21P
[Old version datasheet]   Gigabit 4x4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250_07 Datasheet
544Kb / 18P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDS125A TI-SN65LVDS125A Datasheet
222Kb / 15P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125A TI1-SN65LVDT125A_14 Datasheet
824Kb / 21P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
SN65LVDT125DBT TI-SN65LVDT125DBT Datasheet
250Kb / 16P
[Old version datasheet]   LVDS 4X4 CROSSPOINT SWITCH
SN65LVDS250 TI-SN65LVDS250 Datasheet
355Kb / 16P
[Old version datasheet]   LVDS 4x4 CROSSPOINT SWITCH
logo
National Semiconductor ...
DS10CP154 NSC-DS10CP154_1 Datasheet
328Kb / 18P
   1.5 Gbps 4X4 LVDS Crosspoint Switch
logo
Texas Instruments
DS90CP04 TI1-DS90CP04_15 Datasheet
894Kb / 24P
[Old version datasheet]   1.5 Gbps 4x4 LVDS Crosspoint Switch
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com