Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1212DB Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65LV1212DB
Description  10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1212DB Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LV1212DB Datasheet HTML 7Page - Texas Instruments SN65LV1212DB Datasheet HTML 8Page - Texas Instruments SN65LV1212DB Datasheet HTML 9Page - Texas Instruments SN65LV1212DB Datasheet HTML 10Page - Texas Instruments SN65LV1212DB Datasheet HTML 11Page - Texas Instruments SN65LV1212DB Datasheet HTML 12Page - Texas Instruments SN65LV1212DB Datasheet HTML 13Page - Texas Instruments SN65LV1212DB Datasheet HTML 14Page - Texas Instruments SN65LV1212DB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.ti.com
80%
20%
80%
20%
tTLH(L)
Vdiff
RL
10 pF
DO+
DO
10 pF
Vdiff = (DO+) – (DO–)
tTHL(L)
80%
20%
80%
20%
CMOS/TTL Output
15 pF
Deserializer
tTLH(C)
tTHL(L)
90%
10%
90%
10%
tt(CLK)
TCLK
3 V
0 V
tt(CLK)
DIN [9:0]
tsu(DI)
TCLK
th(DI)
For TCLK_R/F = Low
Setup
Hold
1.5 V
1.5 V
tTCP
1.5 V
1.5 V
1.5 V
SN65LV1021
SN65LV1212
SLLS526G – FEBRUARY 2002 – REVISED DECEMBER 2005
Figure 4. Serializer LVDS Output Load and Transition Times
Figure 5. Deserializer CMOS/TTL Output Load and Transition Times
Figure 6. Serializer Input Clock Transition Time
Figure 7. Serializer Setup/Hold Times
11


Similar Part No. - SN65LV1212DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1212DB TI-SN65LV1212DB Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1212DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
DS92LV1021 NSC-DS92LV1021 Datasheet
382Kb / 18P
   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1021 TI1-DS92LV1021_14 Datasheet
1Mb / 23P
[Old version datasheet]   16-40 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com