Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LV1224ADB Datasheet(PDF) 10 Page - Texas Instruments

Part # SN65LV1224ADB
Description  10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LV1224ADB Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LV1224ADB Datasheet HTML 6Page - Texas Instruments SN65LV1224ADB Datasheet HTML 7Page - Texas Instruments SN65LV1224ADB Datasheet HTML 8Page - Texas Instruments SN65LV1224ADB Datasheet HTML 9Page - Texas Instruments SN65LV1224ADB Datasheet HTML 10Page - Texas Instruments SN65LV1224ADB Datasheet HTML 11Page - Texas Instruments SN65LV1224ADB Datasheet HTML 12Page - Texas Instruments SN65LV1224ADB Datasheet HTML 13Page - Texas Instruments SN65LV1224ADB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
www.ti.com
DESERIALIZER SWITCHING CHARACTERISTICS
SN65LV1023A
SN65LV1224A
SLLS570D – JUNE 2003 – REVISED JANUARY 2005
over recommended operating supply and temperature ranges (unless otherwise specified)
PARAMETER
TEST CONDITIONS
PIN/FREQ
MIN
TYP
MAX
UNIT
Receiver out
t(RCP) = t(TCP),
t(RCP)
RCLK
15.15
100
ns
clockperiod
See Figure 12
CMOS/TTL
tTLH(C)
low-to-high transition
1.2
2.5
time
CL = 15 pF,
ROUT0–ROUT9,
ns
See Figure 6
LOCK, RCLK
CMOS/TTL
tTHL(C)
high-to-low transition
1.1
2.5
time
10 MHz
1.75×tRCP+4.2
1.75×tRCP +12.6
Deserializer delay,
Room temperature,
td(D)(1)
ns
See Figure 13
3.3 V
66 MHz
1.75×tRCP+7.4
1.75×tRCP +9.7
RCLK 10 MHz
0.4×tRCP
0.5×tRCP
ROUTx data valid
t(ROS)
before RCLK
RCLK 66 MHz
0.4×tRCP
0.5×tRCP
See Figure 14
ns
10 MHz
–0.4×tRCP
–0.5×tRCP
ROUTx data valid after
t(ROH)
RCLK
66 MHz
–0.4×tRCP
–0.5×tRCP
t(RDC)
RCLK duty cycle
40%
50%
60%
High-to-high-
td(HZ)
impedance state
6.5
8
ns
delay
Low-to-high-
td(LZ)
impedance state
4.7
8
ns
See Figure 15
ROUT0–ROUT9
delay
High-impedance
td(HR)
5.3
8
ns
state-to-high delay
High-impedance-
td(ZL)
4.7
8
ns
state-to-low delay
Deserializer PLL lock
10 MHz
815 x tRFCP
time from
t(DSR1)
PWRDN(with
66 MHz
815 x tRFCP
µs
SYNCPAT)
See Figure 16,
10 MHz
0.7
Deserializer PLL lock
t(DSR2)
Figure 17, and (2)
time from SYNCPAT
66 MHz
0.2
High-impedance-state
td(ZHLK)
to-high delay(power
LOCK
3
ns
up)
10 MHz
3680
Deserializer noise
tRNM
See Figure 18 and (3)
ps
margin
66 MHz
540
(1)
The deserializer delay time for all frequencies does not exceed 2 serial bit times.
(2)
t(DSR1) represents the time required for the deserializer to register that a lock has occurred upon powerup or when leaving the
powerdown mode. t(DSR2) represents the time required to register that a lock has occurred for the powered up and enabled deserializer
when the input (RI
±) conditions change from not receiving data to receiving synchronization patterns (SYNCPATs). In order to specify
deserializer PLL performance tDSR1 and tDSR2 are specified with REFCLK active and stable and specific conditions of SYNCPATs.
(3)
tRNM represents the phase noise or jitter that the deserializer can withstand in the incoming data stream before bit errors occur.
10
Submit Documentation Feedback


Similar Part No. - SN65LV1224ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1224ADB TI-SN65LV1224ADB Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results

Similar Description - SN65LV1224ADB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023 TI-SN65LV1023 Datasheet
292Kb / 20P
[Old version datasheet]   30 MHZ TO 66MHZ 10:1 LVDS SERIALIZER/DESERIALIZER
logo
National Semiconductor ...
SCAN921023 NSC-SCAN921023 Datasheet
508Kb / 20P
   20-66 MHz 10 Bit Bus LVDS Serializer and Deserializer
logo
Texas Instruments
DS92LV1023E TI1-DS92LV1023E_14 Datasheet
963Kb / 21P
[Old version datasheet]   30-66 MHz 10 Bit Bus LVDS Serializer
logo
National Semiconductor ...
DS92LV1224 NSC-DS92LV1224 Datasheet
799Kb / 16P
   30-66 MHz 10 Bit Bus LVDS Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com