Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS93DGG Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS93DGG
Description  LVDS SERDES TRANSMITTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS93DGG Datasheet(HTML) 5 Page - Texas Instruments

  SN65LVDS93DGG Datasheet HTML 1Page - Texas Instruments SN65LVDS93DGG Datasheet HTML 2Page - Texas Instruments SN65LVDS93DGG Datasheet HTML 3Page - Texas Instruments SN65LVDS93DGG Datasheet HTML 4Page - Texas Instruments SN65LVDS93DGG Datasheet HTML 5Page - Texas Instruments SN65LVDS93DGG Datasheet HTML 6Page - Texas Instruments SN65LVDS93DGG Datasheet HTML 7Page - Texas Instruments SN65LVDS93DGG Datasheet HTML 8Page - Texas Instruments SN65LVDS93DGG Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
SN65LVDS93
www.ti.com ................................................................................................................................................................. SLLS302G – MAY 1998 – REVISED MAY 2009
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VT
Input voltage threshold
1.4
V
|VOD|
Differential steady-state output voltage magnitude
247
454
mV
RL = 100 Ω, See Figure 3
Change in the steady-state differential output voltage
Δ|VOD|
50
mV
magnitude between opposite binary states
VOC(SS)
Steady-state common-mode output voltage
See Figure 3
1.125
1.375
V
VOC(PP)
Peak-to-peak common-mode output voltage
150
mV
IIH
High-level input current
VIH = VCC
20
µA
IIL
Low-level input current
VIL = 0 V
±10
µA
VOY = 0 V
±24
mA
IOS
Short-circuit output current
VOD = 0 V
±12
mA
IOZ
High-impedance state output current
VO = 0 V to VCC
±20
µA
Disabled, All inputs at GND
350
µA
Enabled, RL = 100 Ω (5 places),
ICC(AVG) Quiescent current (average)
Worst-case pattern (see Figure 4),
95
120
mA
tc = 15.38 ns
Ci
Input capacitance
3
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
MIN NOM
MAX
UNIT
tc
Input clock period
14.7
tc
50
ns
tw
High-level input clock pulse width duration
0.4tc
0.6tc
ns
tt
Input signal transition time
5
ns
tsu
Data setup time, D0 through D27 before CLKIN
↑ or CLKIN↓ (see Figure 2)
3
ns
th
Data hold time, D0 through D27 after CLKIN
↓ or CLKIN↑ (see Figure 2)
1.5
ns
Copyright © 1998–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :SN65LVDS93


Similar Part No. - SN65LVDS93DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93DGG TI-SN65LVDS93DGG Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
More results

Similar Description - SN65LVDS93DGG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com