Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS93DGGR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS93DGGR
Description  LVDS SERDES TRANSMITTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS93DGGR Datasheet(HTML) 3 Page - Texas Instruments

  SN65LVDS93DGGR Datasheet HTML 1Page - Texas Instruments SN65LVDS93DGGR Datasheet HTML 2Page - Texas Instruments SN65LVDS93DGGR Datasheet HTML 3Page - Texas Instruments SN65LVDS93DGGR Datasheet HTML 4Page - Texas Instruments SN65LVDS93DGGR Datasheet HTML 5Page - Texas Instruments SN65LVDS93DGGR Datasheet HTML 6Page - Texas Instruments SN65LVDS93DGGR Datasheet HTML 7Page - Texas Instruments SN65LVDS93DGGR Datasheet HTML 8Page - Texas Instruments SN65LVDS93DGGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
CLKOUT
CLKIN
or
CLKIN
D0
Y0
Y1
Y2
Y3
D0–1
D7
D6
D4
D3
D2
D1
D0
D7+1
D8–1
D18
D15
D14
D13
D12
D9
D8
D18+1
D19–
1
D26
D25
D24
D22
D21
D20
D19
D26+1
D27–1
D23
D17
D16
D11
D10
D5
D27
D23+1
Current Cycle
Next
Cycle
Previous Cycle
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
VCC
50
300 k
7 V
Dn or
SHTDN
VCC
7 V
10 k
5
YnP or YnM
INPUT
OUTPUT
SN65LVDS93
www.ti.com ................................................................................................................................................................. SLLS302G – MAY 1998 – REVISED MAY 2009
Figure 1. Typical 'LVDS93 Load and Shift Sequences
Copyright © 1998–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :SN65LVDS93


Similar Part No. - SN65LVDS93DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93DGG TI-SN65LVDS93DGG Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
More results

Similar Description - SN65LVDS93DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
[Old version datasheet]   LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
[Old version datasheet]   LVDS SERDES TRANSMITTER
logo
THine Electronics, Inc.
THCV213 THINE-THCV213 Datasheet
39Kb / 1P
   LVDS SerDes transmitter and receiver
THCV213 THINE-THCV213_14 Datasheet
954Kb / 19P
   LVDS SerDes transmitter and receiver
logo
Texas Instruments
SN65LVDS96 TI-SN65LVDS96 Datasheet
188Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94 TI-SN65LVDS94 Datasheet
190Kb / 14P
[Old version datasheet]   LVDS SERDES RECEIVER
SN65LVDS94DGGG4 TI-SN65LVDS94DGGG4 Datasheet
457Kb / 17P
[Old version datasheet]   LVDS SERDES RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com