Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS311 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS311
Description  PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS311 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVDS311 Datasheet HTML 7Page - Texas Instruments SN65LVDS311 Datasheet HTML 8Page - Texas Instruments SN65LVDS311 Datasheet HTML 9Page - Texas Instruments SN65LVDS311 Datasheet HTML 10Page - Texas Instruments SN65LVDS311 Datasheet HTML 11Page - Texas Instruments SN65LVDS311 Datasheet HTML 12Page - Texas Instruments SN65LVDS311 Datasheet HTML 13Page - Texas Instruments SN65LVDS311 Datasheet HTML 14Page - Texas Instruments SN65LVDS311 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
SN65LVDS311
www.ti.com
SLLSE31B – MAY 2010 – REVISED MARCH 2013
INPUT ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
PCLK, R[0:7], G[0:7], B[0:7], VS, HS, DE, PCLK, LS[1:0], TXEN, SWAP
IIH
High-level input current
VIN = 0.7 × VDD
–200
200
nA
IIL
Low-level input current
VIN = 0.3 × VDD
–200
200
CIN
Input capacitance
1.5
pF
(1)
All typical values are at 25°C and with 1.8 V supply unless otherwise noted.
SWITCHING CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tr
20%-to-80% differential
See Figure 7 and Figure 8
250
500
output signal rise time
ps
tf
20%-to-80% differential
See Figure 7 and Figure 8
250
500
output signal fall time
Tested from PCLK input to
fPCLK = 22MHz
0.082 × fPCLK
PLL bandwidth (3dB cutoff
fBW
MHz
CLK output, See Figure 5 (2)
frequency)
fPCLK = 65MHz
0.07 × fPCLK
tpd(L)
Propagation delay time,
TXEN at VDD, VIH=VDD,
1-channel mode
0.8/fPCLK
1/fPCLK
1.2/fPCLK
input to serial output (data
VIL=GND, RL=100 Ω
2-channel mode
1.0/fPCLK
1.21/fPCLK
1.5/fPCLK
s
latency Figure 9)
3-channel mode
1.1/fPCLK
1.31/fPCLK
1.6/fPCLK
tH × fCLK0
Output CLK duty cycle
1-channel and 3-channel
0.45
0.50
0.55
mode
2-channel mode
0.49
0.53
0.58
tGS
TXEN Glitch suppression
VIH=VDD, VIL=GND, TXEN toggles between VIL and VIH,
3.8
10
μs
pulse width(3)
see Figure 12 and Figure 13
tpwrup
Enable time from power
Time from TXEN pulled high to CLK and Dx outputs
0.24
2
ms
down (
↑TXEN)
enabled and transmit valid data; see Figure 13
tpwrdn
Disable time from active
TXEN is pulled low during transmit mode; time
0.5
11
mode (
↓TXEN)
measurement until output is disabled and PLL is Shutdown;
μs
see Figure 13
twakup
Enable time from Standby
TXEN at VDD; device in standby; time measurement from
0.23
2
(
↕PCLK)
PCLK starts switching to CLK and Dx outputs enabled and
ms
transmit valid data; see Figure 13
tsleep
Disable time from Active
TXEN at VDD; device is transmitting; time measurement
0.4
100
mode (PCLK stopping)
from PCLK input signal stops until CLK + Dx outputs are
μs
disabled and PLL is disabled; see Figure 13
(1)
All typical values are at 25°C and with 1.8 V supply unless otherwise noted.
(2)
The Maximum Limit is based on statistical analysis of the device performance over process, voltage, and temp ranges. This parameter
is functionality tested only on Automatic Test Equipment (ATE).
(3)
The TXEN input incorporates glitch-suppression circuitry to disregard short input pulses. tGS is the duration of either a high-to-low or low-
to-high transition that is suppressed.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN65LVDS311


Similar Part No. - SN65LVDS311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS31 TI-SN65LVDS31 Datasheet
277Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
853Kb / 33P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
SN65LVDS31 TI-SN65LVDS31 Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS
More results

Similar Description - SN65LVDS311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS305 TI-SN65LVDS305 Datasheet
712Kb / 25P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS303 TI-SN65LVDS303 Datasheet
883Kb / 30P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL-INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301_08 Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS307 TI-SN65LVDS307 Datasheet
663Kb / 29P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL TRANSMITTER
SN65LVDS301 TI-SN65LVDS301_V01 Datasheet
2Mb / 43P
[Old version datasheet]   SN65LVDS301 Programmable 27-Bit Parallel-to-Serial Transmitter
SN65LVDS304 TI-SN65LVDS304 Datasheet
1Mb / 38P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS308 TI-SN65LVDS308 Datasheet
1Mb / 37P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS306 TI-SN65LVDS306 Datasheet
1Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS302 TI-SN65LVDS302_07 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com