Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS117DGGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS117DGGR
Description  DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LVDS117DGGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65LVDS117DGGR Datasheet HTML 6Page - Texas Instruments SN65LVDS117DGGR Datasheet HTML 7Page - Texas Instruments SN65LVDS117DGGR Datasheet HTML 8Page - Texas Instruments SN65LVDS117DGGR Datasheet HTML 9Page - Texas Instruments SN65LVDS117DGGR Datasheet HTML 10Page - Texas Instruments SN65LVDS117DGGR Datasheet HTML 11Page - Texas Instruments SN65LVDS117DGGR Datasheet HTML 12Page - Texas Instruments SN65LVDS117DGGR Datasheet HTML 13Page - Texas Instruments SN65LVDS117DGGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
20
40
60
80
100
120
140
0
50
100
150
200
250
300
350
f − Frequency − MHz
VCC = 3.6 V
VCC = 3 V
All Outputs Loaded
and Enabled
VCC = 3.3 V
80
100
120
140
160
180
200
220
0
50
100
150
200
250
300
350
400
f − Frequency − MHz
VCC = 3.6 V
VCC = 3 V
All Outputs Loaded
and Enabled
VCC = 3.3 V
TA − Free−Air Temperature − °C
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
−50
−25
0
25
50
75
100
VCC = 3.6 V
VCC = 3 V
VCC = 3.3 V
TA − Free−Air Temperature − °C
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
3.7
−50
−25
0
25
50
75
100
VCC = 3.6 V
VCC = 3 V
VCC = 3.3 V
SN65LVDS109
SN65LVDS117
SLLS369F – AUGUST 1999 – REVISED FEBRUARY 2005
SN65LVDS109
SN65LVDS117
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
SWITCHING FREQUENCY
SWITCHING FREQUENCY
Figure 6.
Figure 7.
LOW-TO-HIGH PROPAGATION DELAY TIME
HIGH-TO-LOW PROPAGATION DELAY TIME
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 8.
Figure 9.
10


Similar Part No. - SN65LVDS117DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS117DGG TI-SN65LVDS117DGG Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
More results

Similar Description - SN65LVDS117DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS109 TI-SN65LVDS109 Datasheet
266Kb / 19P
[Old version datasheet]   DUAL 4-PORT AND DUAL 8-PORT LVDS REPEATERS
logo
STMicroelectronics
STLVDS104 STMICROELECTRONICS-STLVDS104 Datasheet
151Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
STLVDS104 STMICROELECTRONICS-STLVDS104_06 Datasheet
385Kb / 12P
   4-port lvds and 4-port TTL-to LVDS repeaters
STLVDS105 STMICROELECTRONICS-STLVDS105 Datasheet
149Kb / 8P
   4-PORT LVDS AND 4-PORT TTL-TO LVDS REPEATERS
May 2003
logo
Texas Instruments
SN65LVDS104 TI-SN65LVDS104_08 Datasheet
650Kb / 27P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104_07 Datasheet
510Kb / 26P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI-SN65LVDS104 Datasheet
414Kb / 24P
[Old version datasheet]   4-PORT LVDS AND 4-PORT TTL-TO-LVDS REPEATERS
SN65LVDS104 TI1-SN65LVDS104 Datasheet
440Kb / 33P
[Old version datasheet]   4-Port LVDS and 4-Port TTL-to-LVDS Repeaters
logo
Maxim Integrated Produc...
MAX9169 MAXIM-MAX9169 Datasheet
291Kb / 19P
   4-Port LVDS and LVTTL-to-LVDS Repeaters
19-2616; Rev 0; 10/02
logo
Texas Instruments
SN65LVDS22 TI-SN65LVDS22 Datasheet
188Kb / 13P
[Old version datasheet]   DUAL MULTIPLEXED LVDS REPEATERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com